| Zakładka z wyszukiwarką danych komponentów |
|
MAX814EPA Arkusz danych(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX814EPA Arkusz danych(HTML) 2 Page - Maxim Integrated Products |
|
2 / 16 page ![]() ±1% Accuracy, Low-Power, +3V and +5V µP Supervisory Circuits 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS, +5V Parts (MAX814/MAX815K, L, N) (VCC = 4.85V to 5.5V for MAX814K/MAX815K, VCC = 4.75V to 5.5V for MAX814L/MAX815L, VCC = 4.60V to 5.5V for MAX814N/ MAX815N, TA = TMIN to TMAX, unless otherwise noted.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Terminal Voltage (with respect GND) VCC ....................................................................-0.3V to +6.0V All Other Pins (Note 1)........................... -0.3V to (VCC + 0.3V) Terminal Current (PFI, RESET IN, MR)................................10mA Terminal Current (all other pins) .........................................20mA Continuous Power Dissipation (TA = +25°C) Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW SO (derate 5.88mW/°C above +70°C) .........................471mW Operating Temperature Ranges Commercial.........................................................0°C to +70°C Extended ...........................................................-40°C to +85C Storage Temperature Range .............................-65°C to +125°C MAX814K, VCC rising MAX814_E, VCC falling MAX814_C, VCC falling MAX814_C, MAX815_C MAX815 (Note 1) WDI = VCC or WDI = 0V MAX814_E, MAX815_E MAX815, VCC = 5.0V MAX814_C, MAX815_C MAX815 MAX815 MAX814 MAX814_E/MAX815_E, VCC = 1.2V, ISINK = 100µA MAX814_C/MAX815_C, VCC = 1.0V, ISINK = 50µA MAX814_E, MAX815_E MAX814K, MAX815K MAX814L, MAX815L ISINK = 3.2mA MAX814N, MAX815N ISOURCE = 800µA CONDITIONS 4.93 mV 48 73 ∆VLL LOW LINE to RESET Differential Threshold 50 70 µs 1 tWDO MR to WDO High Delay µA -1.0 1.0 IWDI WDI Input Current V 2.4 VWDI WDI Input Threshold 0.8 ns 50 tWP WDI Pulse Width s 1.12 2.00 tWD Watchdog Timeout Period V 0.3 RESET, WDO, PFO, LOW LINE Output Voltage 0.3 0.4 VOL VCC -1.5 VOH 75 V 1.2 5.5 VCC 1.0 5.5 Operating Voltage Range V 0.4 VOL RESET Output Voltage VCC -1.5 VOH ms 140 200 250 tRS Reset Pulse Width mV 0 Reset Threshold Hysteresis µA 85 ISUPPLY Supply Current 4.75 4.85 4.65 4.75 V 4.50 4.60 VRT Reset Threshold UNITS MIN TYP MAX SYMBOL PARAMETER MAX814L, VCC rising 4.83 VLLT MAX814N, VCC rising 4.68 V LOW LINE Threshold ISOURCE = 800µA ISINK = 3.2mA Low High |