| Zakładka z wyszukiwarką danych komponentów |
|
ADL5372ACPZ-R71 Arkusz danych(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL5372ACPZ-R71 Arkusz danych(HTML) 8 Page - Analog Devices |
|
8 / 24 page ![]() ADL5372 Rev. 0 | Page 8 of 24 –25 –20 –15 –10 –5 0 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 LO FREQUENCY (MHz) Figure 9. Return Loss (S11) of LOIP –80 –70 –60 –50 –40 –30 –20 –10 0 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 LO FREQUENCY (MHz) TA = +85°C TA = –40°C TA = +25°C Figure 10. Carrier Feedthrough vs. fLO and Temperature Multiple Devices Shown –90 –80 –70 –60 –50 –40 –30 –20 –10 0 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 LO FREQUENCY (MHz) TA = +85°C TA = –40°C TA = +25°C Figure 11. Carrier Feedthrough vs. fLO and Temperature after Nulling at 25°C Multiple Devices Shown –60 –50 –40 –30 –20 –10 0 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 LO FREQUENCY (MHz) TA = +85°C TA = –40°C TA = +25°C Figure 12. Sideband Suppression vs. fLO and Temperature Multiple Devices Shown –90 –80 –70 –60 –50 –40 –30 –20 –10 0 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 LO FREQUENCY (MHz) TA = +85°C TA = –40°C TA = +25°C Figure 13. Sideband Suppression vs. fLO and Temperature after Nulling at 25°C Multiple Devices Shown –80 –70 –60 –50 –40 –30 –20 0.20.61.0 1.41.82.22.63.0 3.4 –15 –10 –5 0 5 10 15 BASEBAND INPUT VOLTAGE (V p–p) SSB OUTPUT POWER (dBm) SIDEBAND SUPPRESSION (dBc) THIRD ORDER (dBc) SECOND ORDER (dBc) CARRIER FEEDTHROUGH (dBm) Figure 14. Second- and Third-Order Distortion, Carrier Feedthrough, Sideband Suppression, and SSB POUT vs. Baseband Differential Input Level (fLO = 1900 MHz) |