| Zakładka z wyszukiwarką danych komponentów |
|
ADR127AUJZ-R21 Arkusz danych(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR127AUJZ-R21 Arkusz danych(HTML) 15 Page - Analog Devices |
|
15 / 20 page ![]() ADR121/ADR125/ADR127 Rev. B | Page 15 of 20 TERMINOLOGY Temperature Coefficient The change in output voltage with respect to operating temperature change normalized by the output voltage at 25°C. This parameter is expressed in ppm/°C and can be determined as follows: [] () ( ) () ( ) 6 10 C 25 C ppm/ × − × ° − = ° 1 2 OUT 1 OUT 2 UT O OUT T T V T V T V TCV (1) where: VOUT(25°C) = VOUT at 25°C. VOUT(T1) = VOUT at Temperature 1. VOUT(T2) = VOUT at Temperature 2. Line Regulation The change in the output voltage due to a specified change in input voltage. This parameter accounts for the effects of self-heating. Line regulation is expressed in percent per volt, parts-per-million per volt, or microvolts per voltage change in input voltage. Load Regulation The change in output voltage due to a specified change in load current. This parameter accounts for the effects of self-heating. Load regulation is expressed in microvolts per milliampere, parts-per-million per milliampere, or ohms of dc output resistance. Long-Term Stability Typical shift of output voltage at 25°C on a sample of parts subjected to a test of 1000 hours at 25°C. ( )( ) [] () ( ) () 6 10 ppm × − = Δ − Δ 0 OUT 1 OUT 0 OUT OUT 1 UT O 0 OUT UT O t V t V t V V t V t V V (2) where: VOUT(t0) = VOUT at 25°C at Time 0. VOUT(t1) = VOUT at 25°C after 1000 hours operating at 25°C. Thermal Hysteresis The change in output voltage after the device is cycled through temperatures from +25°C to −40°C to +125°C and back to +25°C. This is a typical value from a sample of parts put through such a cycle. ( ) TC OUT OUT HYS OUT V V V _ _ C 25 − ° = (3) [] () () 6 _ _ 10 C 25 C 25 ppm × ° − ° = OUT TC OUT UT O HYS OUT V V V V where: VOUT(25°C) = VOUT at 25°C. VOUT_TC = VOUT at 25°C after temperature cycle at +25°C to −40°C to +125°C and back to +25°C. |