Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP281-4 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP281-4
Szczegółowy opis  PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP281-4 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP281-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP281,TLP281-4
2010-08-27
2
Current Transfer Ratio
*1: Ex. rank GB: TLP281 (GB)
(Note): Application type name for certification test, please use standard product type name, i.e.
TLP281 (GB): TLP281 , TLP281
−4 (GB): TLP281−4
Current Transfer Ration (%)
(IC / IF)
IF = 5 mA, VCE = 5 V, Ta = 25°C
TYPE
Classi-
fication(*1)
Min
Max
Marking of Classification
Blank
50
600
Blank ,Y
■
,YE,G,G
■
,GR,B,BL,GB
Rank Y
50
150
YE
Rank GR
100
300
GR
Rank BL
200
600
BL
Rank GB
100
600
GB
Rank YH
75
150
Y
■
Rank GRL
100
200
G
Rank GRH
150
300
G
■
TLP281
Rank BLL
200
400
B
Blank
50
600
Blank , GB
TLP281-4
Rank GB
100
600
GB



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com