| Zakładka z wyszukiwarką danych komponentów |
|
E3F2-R2RC4-M1-M Arkusz danych(PDF) 18 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R2RC4-M1-M Arkusz danych(HTML) 18 Page - Omron Electronics LLC |
|
18 / 24 page ![]() 18 Photoelectric Sensors E3F2 ■ DC-Switching Models, metal (brass and stainless steel), axial type Cable type Connector type Without potentiometer E3F2-7 @-M E3F2-7 @-S E3F2-10 @-M E3F2-R2R @4-M E3F2-R2R @4-S E3F2-DS10 @4-M E3F2-DS10 @4-S E3F2-LS10 @4-M E3F2-R4 @4F-M E3F2-7 @-M1-M E3F2-7 @-M1-S E3F2-10 @-M1-M E3F2-R2R @4-M1-M E3F2-R2R @4-M1-S E3F2-DS10 @4-M1-M E3F2-DS10 @4-M1-S E3F2-LS10 @4-M1-M E3F2-R4 @4F-M1-M With potentiometer E3F2-DS30 @4-M E3F2-DS30 @4-S E3F2-R4 @4-M E3F2-D1 @4-M E3F2-DS30 @4-M1-M E3F2-DS30 @4-M1-S E3F2-R4 @4-M1-M E3F2-D1 @4-M1-M 4.8 dia 37 42.3 64.9 Light indicator 4 M18x1 6g 24 optical area 37 42.3 Light indicator 4.8 dia 76 4 M18x1 6g 24 65.5 optical area 37 42.3 49.3 64.9 Light indicator Sensitivity adjustor 4.8 dia 4 M18x1 6g 24 optical area 37 42.3 49.3 Light indicator Sensitivity adjustor 4.8 dia 4 M18x1 6g 76 65.5 24 optical area |