| Zakładka z wyszukiwarką danych komponentów |
|
XS2F-D422-D80-R Arkusz danych(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XS2F-D422-D80-R Arkusz danych(HTML) 13 Page - Omron Electronics LLC |
|
13 / 24 page ![]() Photoelectric Sensors E3F2 13 Note: Terminal numbers for connector type. E3F2-10B4- @ – – Through-beam emitter ON when light is incident. (Light-ON) Connect the pink (Pin ) and brown (Pin ) cords or open the pink cord (Pin ). ON when light is interrupted. (Dark- ON) Connect the pink (Pin ) and blue (Pin ) cords. E3F2-LS10B4- @ ON when light is incident. (Light-ON) Connect the pink (Pin ) and brown (Pin ) cords or open the pink cord (Pin ). ON when light is interrupted. (Dark- ON) Connect the pink (Pin ) and blue (Pin ) cords. Model Output transistor status Timing chart Connection method Output circuit ON OFF ON OFF ON OFF Test input Light emission Indicator Red Incident Interrupted ON OFF ON OFF Operate Release Output indicator (orange) Output transistor Load (relay) 2 1 2 Output indicator Orange Main circuit 1 2 3 4 1 2 3 4 Connector Pin Arrangement 10 to 30 VDC 100 mA max. Load 0 V Mode selection Brown Black Blue Pink ZD: VZ = 36 V ZD Incident Interrupted ON OFF ON OFF Operate Release Output indicator (orange) Output transistor Load (relay) 2 3 Output indicator Orange Main circuit 1 2 3 4 1 2 3 4 Connector Pin Arrangement 10 to 30 VDC 100 mA max. Load 0 V Mode selection Brown Black Blue Pink ZD: VZ = 36 V Incident Interrupted ON OFF ON OFF Operate Release Output indicator (orange) Output transistor Load (relay) 2 1 2 Output indicator Stability indicator* Orange Main circuit 1 2 3 4 1 2 3 4 Connector Pin Arrangement 10 to 30 VDC 100 mA max. Load 0 V Mode selection Brown Black Blue Pink ZD ZD: VZ = 36 V Green Incident Interrupted ON OFF ON OFF Operate Release Output indicator (orange) Output transistor Load (relay) 2 3 Output indicator Stability indicator* Orange Main circuit 1 2 3 4 1 2 3 4 Connector Pin Arrangement 10 to 30 VDC 100 mA max. Load 0 V Mode selection Brown Black Blue Pink ZD: VZ = 36 V Green |