| Zakładka z wyszukiwarką danych komponentów |
|
REF01CS-REEL Arkusz danych(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF01CS-REEL Arkusz danych(HTML) 3 Page - Analog Devices |
|
3 / 20 page ![]() REF01/REF02/REF03 Rev. K | Page 3 of 20 SPECIFICATIONS REF01 SPECIFICATIONS VIN = 15 V, TA = 25°C, ILOAD = 0 mA, all grades, unless otherwise noted. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VO A and E grades 9.97 10.00 10.03 V H grade 9.95 10.00 10.05 V C grade 9.90 10.00 10.10 V OUTPUT ADJUSTMENT RANGE1 ΔVTRIM A, E and H grades, POT = 10 kΩ ±3.0 ±3.3 % C grade, POT = 10 kΩ ±2.7 ±3.0 % INITIAL ACCURACY VOERR A and E grades ±30 mV ±0.3 % H grade ±50 mV ±0.5 % C grade ±100 mV ±1.0 % TEMPERATURE COEFFICIENT TCVO A and E grades, −55°C ≤ TA ≤ +125°C 3.0 8.5 ppm/°C H grade, 0°C ≤ TA ≤ +70°C 10 25 ppm/°C C grade, 0°C ≤ TA ≤ +70°C (-J and -Z packages) 20 65 ppm/°C C grade, −40 ≤ TA ≤ +85°C (-P and -S packages) 20 65 ppm/°C LINE REGULATION2 ∆VO/∆VIN A, E and H grades, VIN = 13 V to 33 V 60 100 ppm/V A, E and H grades, VIN = 13 V to 33 V, 0°C ≤ TA ≤ +70°C 70 120 ppm/V A, E and H grades, VIN = 13 V to 33 V, −55°C ≤ TA ≤ +125°C 90 150 ppm/V C grade, VIN = 13 V to 33 V 90 150 ppm/V C grade, VIN = 13 V to 30 V, 0°C ≤ TA ≤ +70°C (-J and -Z packages) 110 180 ppm/V C grade, VIN = 13 V to 30 V, −40°C ≤ TA ≤ +85°C (-P and -S packages) 110 180 ppm/V LOAD REGULATION2 ∆VO/∆ILOAD A and E grades, ILOAD = 0 mA to 10 mA 50 80 ppm/mA A and E grades, ILOAD = 0 mA to 8 mA, 0°C ≤ TA ≤ +70°C 60 100 ppm/mA A and E grades, ILOAD = 0 mA to 8 mA, −55°C ≤ TA ≤ +125°C 90 150 ppm/mA H grade, ILOAD = 0 mA to 10 mA 60 100 ppm/mA H grade, ILOAD = 0 mA to 8 mA, 0°C ≤ TA ≤ +70°C 70 120 ppm/mA H grade, ILOAD = 0 mA to 8 mA, −50°C ≤ TA ≤ +125°C 90 150 ppm/mA C grade, ILOAD = 0 mA to 8 mA 60 150 ppm/mA C grade, ILOAD = 0 mA to 5 mA, 0°C ≤ TA ≤ +70°C (-J and -Z packages) 80 180 ppm/mA C grade, ILOAD = 0 mA to 5 mA, −40°C ≤ TA ≤ +85°C (-P and -S packages) 80 180 ppm/mA DROPOUT VOLTAGE VDO 2 V QUIESCENT CURRENT IIN A, E, and H grades 1.0 1.4 mA C grade 1.0 1.6 mA LOAD CURRENT ILOAD Sourcing A, E, and H grades 10 mA C grade 8 mA Sinking −0.3 mA SHORT CIRCUIT TO GND ISC VO = 0 V 30 mA VOLTAGE NOISE eN p-p 0.1 Hz to 10.0 Hz (-S, -Z and -P packages) 30 μV p-p 0.1 Hz to 10.0 Hz (-J package) 35 μV p-p LONG-TERM STABILITY3 ∆VO After 1000 hours of operation 50 ppm TURN-ON SETTLING TIME tR Output settling to within ±0.1% of final value 5 μs TEMPERATURE SENSOR4 Voltage Output at TEMP Pin VTEMP 580 mV Temperature Sensitivity TCVTEMP 1.96 mV/°C 1 Refer to the Output Adjustment section. 2 Specification includes the effects of self-heating. 3 Long-term stability is noncumulative; the drift in subsequent 1000-hour periods is significantly lower than in the first 1000-hour periods. Refer to Application Note AN-713. 4 Refer to the Temperature Monitoring section. |