Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5282BRUZ200-R72 Arkusz danych(PDF) 22 Page - Analog Devices

Numer części AD5282BRUZ200-R72
Szczegółowy opis  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5282BRUZ200-R72 Arkusz danych(HTML) 22 Page - Analog Devices

Back Button AD5282BRUZ200-R72 Datasheet HTML 18Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 19Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 20Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 21Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 22Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 23Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 24Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 25Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5280/AD5282
Rev. C | Page 22 of
28
PROGRAMMABLE CURRENT SOURCE
+5V
+5V
RS
102Ω
V+
REF191
GND
AD5280
2
3
6
B
A
W
C1
1µF
4
U1
0 TO (2.048 + VL)
VOUT
VIN
5V
RL
100Ω
V–
OP8510
U2
VL
–2.048V TO VL
IL
SLEEP
OP8510
U2
Figure 61. Programmable Current Source
A programmable current source can be implemented with the
circuit shown in Figure 61. REF191 is a unique, low supply
headroom and high current handling precision reference that
can deliver 20 mA at 2.048 V. The load current is simply the
voltage across Terminal B to Terminal W of the digital
potentiometer divided by RS.
N
S
REF
L
R
D
V
I
2
×
×
=
(8)
The circuit is simple, but attention must be paid to two things.
First, dual-supply op amps are ideal because the ground
potential of REF191 can swing from −2.048 V at zero scale to VL
at full scale of the potentiometer setting. Although the circuit
works under single supply, the programmable resolution of the
system is reduced.
For applications that demand higher current capabilities, a
few changes to the circuit in Figure 61 produce an adjustable
current in the range of hundreds of milliamps. First, the voltage
reference needs to be replaced with a high current, low dropout
regulator, such as the ADP3333, and the op amp needs to be
swapped with a high current dual-supply model, such as the
AD8532. Depending on the desired range of current, an
appropriate value for RS must be calculated. Because of the high
current flowing to the load, the user must pay attention to the
load impedance so as not to drive the op amp beyond the
positive rail.
PROGRAMMABLE BIDIRECTIONAL CURRENT
SOURCE
AD5280
+5V
R1
150kΩ
R2A
14.95kΩ
|L
R2B
50kΩ
R2I
15kΩ
C1
10pF
R1I
150kΩ
VL
RL
500kΩ
A2
+15V
+15V
A
W
V+
OP2177
OP2177
V–
V+
V–
A1
–5V
–15V
–15V
Figure 62. Programmable Bidirectional Current Source
For applications that require bidirectional current control or
higher voltage compliance, a Howland current pump can be a
solution (see Figure 62). If the resistors are matched, the load
current is
(
)
W
B
B
A
V
R1
R2
R2
L
R2
I
×
+
=
(9)
In theory, R2B can be made as small as needed to achieve the
current needed within the A2 output current driving capability.
In this circuit, the OP2177 can deliver ±5 mA in either direction,
and the voltage compliance approaches 15 V. It can be shown
that the output impedance is
(
)
()
B
A
A
B
O
R2
R2
R1'
R2'
R1
R2
R1
R2
'
R1
Z
+
−
×
×
+
=
(10)
This output impedance can be infinite if Resistor R1' and
Resistor R2' match precisely with R1 and R2A + R2B,
respectively. On the other hand, it can be negative if the
resistors are not matched. As a result, C1 must be in the range
of 1 pF to 10 pF to prevent the oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28