Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CRM2512-FX-R100ELF Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions

Numer części CRM2512-FX-R100ELF
Szczegółowy opis  CRM2512 - Pulse Resistant Power Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRM2512-FX-R100ELF Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions

  CRM2512-FX-R100ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRM2512-FX-R100ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRM2512-FX-R100ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
CRM2512 - Pulse Resistant Power Resistor
Pulse Load Characteristics (R > 1 Ohm)
How to Order
CRM 2512 - F X - R100 E LF
Model
(CRM = Precision Chip Resistor)
Size
2512 = 2512 Size
Resistance Tolerance
• F = ±1 %
• J = ±5 %
TCR (PPM/°C - See Electrical Characteristics chart)
• W = ±200 PPM/°C
• X = ±100 PPM/°C
Resistance Value
R <1 ohm (1 % or 5 % Tolerance: “R” (decimal point) followed by three significant digits (example: R100 = 0.100 ohm
1% Tolerance:
<100 ohms ....... “R” represents decimal point (example: 24R3 = 24.3 ohms)
≥100 ohms....... First three digits are significant, fourth digit represents number of zeros to follow
(example: 8252 = 82.5K ohms)
5% Tolerance:
<10 ohms ......... “R” represents decimal point (example: 4R7 = 4.7 ohms)
≥10 ohms......... First two digits are significant, third digit represents number of zeros to follow
(example: 474 = 470K ohms)
Packaging
• E = 4000 pieces on 180 mm (7 inch) reel
Termination
• LF = Tin-plated (RoHS Compliant)
1000
100
10
1
0.0001
0.001
SURGE DURATION (S)
0.01
1.0



Html Pages

1 2 3