| Zakładka z wyszukiwarką danych komponentów |
|
XRP7708 Arkusz danych(PDF) 26 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRP7708 Arkusz danych(HTML) 26 Page - Exar Corporation |
|
26 / 28 page ![]() X XR RP P7 77 70 08 8 a an nd d X XR RP P7 77 74 40 0 Q Qu ua ad d C Ch ha an nn neell D Diig giitta all P PW WM M S Stteep p D Do ow wn n C Co on nttrro olllleerrss © 2012 Exar Corporation 26/28 Rev. 1.2.2 Total input voltage ripple is the sum of the above: ESR Cin Tot V V V ∆ + ∆ = ∆ Power MOSFETs Selection Selecting MOSFETs with lower Rdson reduces conduction losses at the expense of increased switching losses. A simplified expression for conduction losses is given by: in out dson out cond V V R I P ⋅ ⋅ = 2 MOSFET’s junction temperature can be estimated from: ambient thja cond j T R P T + = 2 This assumes that the switching loss is the same as the conduction loss. thja R is the total MOSFET thermal resistance from junction to ambient. LAYOUT GUIDELINES Refer to application note ANP-32 “Practical Layout Guidelines for PowerXR Designs” and ANP-35 “XRP77XX: Extending the MOSFET Gate Drive Conductors”. REGISTER MAP See ANP-31 “PowerXR Configuration and Programming” for details of the register map and other programming information. |