| Zakładka z wyszukiwarką danych komponentów |
|
SSM2019BNZ Arkusz danych(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2019BNZ Arkusz danych(HTML) 2 Page - Analog Devices |
|
2 / 10 page ![]() REV. –2– SSM2019–SPECIFICATIONS (VS = 15 V and –40 C £ TA £ +85 C, unless otherwise noted. Typical specifications apply at TA = 25 C.) Parameter Symbol Conditions Min Typ Max Unit DISTORTION PERFORMANCE VO = 7 V rms RL = 2 k W Total Harmonic Distortion Plus Noise THD + N f = 1 kHz, G = 1000 0.017 % f = 1 kHz, G = 100 0.0085 % f = 1 kHz, G = 10 0.0035 % f = 1 kHz, G = 1 0.005 % BW = 80 kHz NOISE PERFORMANCE Input Referred Voltage Noise Density en f = 1 kHz, G = 1000 1.0 nV/ ÷Hz f = 1 kHz, G = 100 1.7 nV/ ÷Hz f = 1 kHz, G = 10 7 nV/ ÷Hz f = 1 kHz, G = 1 50 nV/ ÷Hz Input Current Noise Density in f = 1 kHz, G = 1000 2 pA/ ÷Hz DYNAMIC RESPONSE Slew Rate SR G = 10 16 V/ ms RL = 2 k W CL = 100 pF Small Signal Bandwidth BW–3 dB G = 1000 200 kHz G = 100 1000 kHz G = 10 1600 kHz G = 1 2000 kHz INPUT Input Offset Voltage VIOS 0.05 0.25 mV Input Bias Current IB VCM = 0 V 3 10 mA Input Offset Current Ios VCM = 0 V ±0.001 ±1.0 mA Common-Mode Rejection CMR VCM = ±12 V G = 1000 110 130 dB G = 100 90 113 dB G = 10 70 94 dB G = 1 50 74 dB Power Supply Rejection PSR VS = ±5 V to ±18 V G = 1000 110 124 dB G = 100 110 118 dB G = 10 90 101 dB G = 1 70 82 dB Input Voltage Range IVR ±12 V Input Resistance RIN Differential, G = 1000 1 M W G = 1 30 M W Common Mode, G = 1000 5.3 M W G = 1 7.1 M W OUTPUT Output Voltage Swing VO RL = 2 k W, TA = 25∞C ±13.5 ±13.9 V Output Offset Voltage VOOS 430 mV Maximum Capacitive Load Drive 5000 pF Short Circuit Current Limit ISC Output-to-Ground Short ±50 mA Output Short Circuit Duration Continuous sec GAIN Gain Accuracy RG = 10 k W TA = 25 ∞C G – 1 RG = 10 W, G = 1000 0.5 0.1 dB RG = 101 W, G = 100 0.5 0.2 dB RG = 1.1 k W, G = 10 0.5 0.2 dB RG = , G = 1 0.1 0.2 dB Maximum Gain G 70 dB REFERENCE INPUT Input Resistance 10 k W Voltage Range ±12 V Gain to Output 1 V/V POWER SUPPLY Supply Voltage Range VS ±5 ±18 V Supply Current ISY VCM = 0 V, RL = ±4.6 ±7.5 mA VCM = 0 V, VS = ±18 V, RL = ±4.7 ±8.5 mA Specifications subject to change without notice. A |