Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFH7776 Arkusz danych(PDF) 32 Page - OSRAM GmbH

Numer części SFH7776
Szczegółowy opis  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Arkusz danych(HTML) 32 Page - OSRAM GmbH

Back Button SFH7776 Datasheet HTML 26Page - OSRAM GmbH SFH7776 Datasheet HTML 27Page - OSRAM GmbH SFH7776 Datasheet HTML 28Page - OSRAM GmbH SFH7776 Datasheet HTML 29Page - OSRAM GmbH SFH7776 Datasheet HTML 30Page - OSRAM GmbH SFH7776 Datasheet HTML 31Page - OSRAM GmbH SFH7776 Datasheet HTML 32Page - OSRAM GmbH SFH7776 Datasheet HTML 33Page - OSRAM GmbH SFH7776 Datasheet HTML 34Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
2013-07-09
32
DRAFT - For reference only.
Subject to change without notice.
Version 0.1
SFH 7776
Reflow Soldering Profile
Preconditioning: JEDEC Level 3 acc. to JEDEC S-STD-020-D
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C
to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C
to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P to 100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation
DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax to TP
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com