| Zakładka z wyszukiwarką danych komponentów |
|
AD10201PCB Arkusz danych(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD10201PCB Arkusz danych(HTML) 6 Page - Analog Devices |
|
6 / 28 page ![]() HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC Rev. 0 | Page 6 of 28 120-CONNECTOR (PARALLEL CMOS INPUTS) TIMING ADJUSTMENT JUMPERS DRIVER CIRCUIT FOR SERIAL PORT INTERFACE (SPI) LINES OPTIONAL SERIAL PORT INTERFACE (SPI) CONNECTOR CYPRESS Fx2 HIGH SPEED USB 2.0 µCONTROLLER EPROM TO LOAD USB FIRMWARE Figure 3. FIFO Components (Bottom View) FIFO 4.1 SUPPORTED ADC EVALUATION BOARDS The evaluation boards in Table 1 can be used with the high speed ADC FIFO evaluation kit. Some evaluation boards require an adapter between the ADC evaluation board connector and the FIFO connector. If an adapter is needed, send an email to highspeed.converters@analog.com with the part number of the adapter and a mailing address. Table 1. HSC-ADC-EVALB-DC- and HSC-ADC-EVALB-SC-Compatible Evaluation Boards1 Evaluation Board Model Description of ADC FIFO Board Version Comments AD6644ST/PCB 14-bit, 65 MSPS ADC SC AD6645-80/PCB 14-bit, 80 MSPS ADC SC AD6645-105/PCB 14-bit, 105 MSPS ADC SC AD9051/PCB 10-bit, 60 MSPS ADC SC Requires AD9051FFA AD9200SSOP-EVAL 10-bit, 20 MSPS ADC SC Requires AD922xFFA AD9200TQFP-EVAL 10-bit, 20 MSPS ADC SC Requires AD922xFFA AD9201-EVAL Dual 10-bit, 20 MSPS ADC1 SC Requires AD922xFFA AD9203-EB 10-bit, 40 MSPS ADC SC Requires AD922xFFA AD9212-65EB1 Octal 10-bit, 65 MSPS ADC DC Requires HSC-ADC-FPGA-8 AD9215BCP-65EB 10-bit, 65 MSPS ADC SC AD9215BCP-80EB 10-bit, 80 MSPS ADC SC AD9215BCP-105EB 10-bit, 105 MSPS ADC SC AD9215BRU-65EB 10-bit, 65 MSPS ADC SC AD9215BRU-80EB 10-bit, 80 MSPS ADC SC AD9215BRU-105EB 10-bit, 105 MSPS ADC SC AD9216-80PCB Dual 10-bit, 80 MSPS ADC DC AD9216-105PCB Dual 10-bit, 105 MSPS ADC DC |