| Zakładka z wyszukiwarką danych komponentów |
|
THS4082CDR Arkusz danych(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4082CDR Arkusz danych(HTML) 18 Page - Texas Instruments |
|
18 / 32 page ![]() THS4081, THS4082 175MHz LOW POWER HIGHSPEED AMPLIFIERS SLOS274D − DECEMBER 1999 − REVISED JUNE 2001 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION general PowerPAD design considerations (continued) The actual thermal performance achieved with the THS408xDGN in its PowerPAD package depends on the application. In the example above, if the size of the internal ground plane is approximately 3 inches × 3 inches, then the expected thermal coefficient, θJA, is about 58.4_C/W. For comparison, the non-PowerPAD version of the THS408x IC (SOIC) is shown. For a given θJA, the maximum power dissipation is shown in Figure 46 and is calculated by the following formula: P D + T MAX –T A q JA Where: PD = Maximum power dissipation of THS408x IC (watts) TMAX = Absolute maximum junction temperature (150°C) TA = Free-ambient air temperature ( °C) θJA = θJC + θCA θJC = Thermal coefficient from junction to case θCA = Thermal coefficient from case to ambient air (°C/W) DGN Package θJA = 58.4°C/W 2 oz. Trace And Copper Pad With Solder DGN Package θJA = 158°C/W 2 oz. Trace And Copper Pad Without Solder SOIC Package High-K Test PCB θJA = 98°C/W TJ = 150°C SOIC Package Low-K Test PCB θJA = 167°C/W 2 1.5 1 0 −40 −20 0 20 40 2.5 3 MAXIMUM POWER DISSIPATION vs FREE-AIR TEMPERATURE 3.5 60 80 100 0.5 TA − Free-Air Temperature − °C NOTE A: Results are with no air flow and PCB size = 3” × 3” Figure 46. Maximum Power Dissipation vs Free-Air Temperature More complete details of the PowerPAD installation process and thermal management techniques can be found in the Texas Instruments Technical Brief, PowerPAD Thermally Enhanced Package. This document can be found at the TI web site (www.ti.com) by searching on the key word PowerPAD. The document can also be ordered through your local TI sales office. Refer to literature number SLMA002 when ordering. |