| Zakładka z wyszukiwarką danych komponentów |
|
THS4501CDG4 Arkusz danych(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS4501CDG4 Arkusz danych(HTML) 34 Page - Texas Instruments |
|
34 / 48 page ![]() VS RS RG RF RF + RT + RISO CL RG Riso=10 25 - W VS -VS RISO - - _ + 4 5 3 7 2 6 VOCM S PwrPad VS PD 1 8 R0805 R4 C4 C0805 R5 R0805 C3 C0805 R6 R7 R0805 R0805 C5 C6 C0805 C0805 C7 C0805 J2 J3 J2 J3 R2 R0805 R3 R0805 C1 C0805 C2 C0805 R1 R1206 J1 3 1 4 5 6 R11 R1206 R9 R0805 R8 R9 R0805 R0805 J2 J3 J4 T1 U1 THS450X -V THS4500 THS4501 SLOS350F – APRIL 2002 – REVISED OCTOBER 2011 www.ti.com THS4501 product folder on the Texas Instruments web site, www.ti.com, or through your local Texas Instruments sales representative. A schematic for the evaluation board is shown in Figure 116 with the default component values. Unpopulated footprints are shown to provide insight into design flexibility. Figure 115. Use of Isolation Resistors With a Capacitive Load POWER-SUPPLY DECOUPLING TECHNIQUES AND RECOMMENDATIONS Power-supply decoupling is a critical aspect of any high-performance amplifier design process. Careful decoupling provides higher quality ac performance (most notably improved distortion performance). The following guidelines ensure the highest level of performance. Figure 116. Simplified Schematic of the Evaluation Board 1. Place decoupling capacitors as close to the power-supply inputs as possible, with the goal of minimizing the inductance of the path from Computer simulation of circuit performance using ground to the power supply. SPICE is often useful when analyzing the performance of analog circuits and systems. This 2. Placement priority should be as follows: smaller practice is particularly true for video and RF amplifier capacitors should be closer to the device. circuits where parasitic capacitance and inductance 3. Use of solid power and ground planes is can have a major effect on circuit performance. A recommended to reduce the inductance along SPICE model for the THS4500 family of devices is power-supply return current paths. available through either the Texas Instruments web 4. Recommended values for power-supply site (www.ti.com) or as one model on a disk from the decoupling include 10- μF and 0.1-μF capacitors Texas Instruments Product Information Center for each supply. A 1000-pF capacitor can be (1-800-548-6132). The PIC is also available for used across the supplies as well for extremely design assistance and detailed product information at high frequency return currents, but often is not this number. These models do a good job of required. predicting small-signal ac and transient performance under a wide variety of operating conditions. They are EVALUATION FIXTURES, SPICE MODELS, not intended to model the distortion characteristics of AND APPLICATIONS SUPPORT the amplifier, nor do they attempt to distinguish between the package types in their small-signal ac Texas Instruments is committed to providing its performance. Detailed information about what is and customers with the highest quality of applications is not modeled is contained in the model file itself. support. To support this goal, an evaluation board has been developed for the THS4500 family of fully differential amplifiers. The evaluation board can be obtained by ordering through the THS4500 or 34 Submit Documentation Feedback Copyright © 2002–2011, Texas Instruments Incorporated Product Folder Link(s): THS4500 THS4501 |