Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADD5207ACPZ Arkusz danych(PDF) 14 Page - Analog Devices

Numer części ADD5207ACPZ
Szczegółowy opis  Four-String, White LED Driver for LCD Backlight Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADD5207ACPZ Arkusz danych(HTML) 14 Page - Analog Devices

Back Button ADD5207ACPZ Datasheet HTML 8Page - Analog Devices ADD5207ACPZ Datasheet HTML 9Page - Analog Devices ADD5207ACPZ Datasheet HTML 10Page - Analog Devices ADD5207ACPZ Datasheet HTML 11Page - Analog Devices ADD5207ACPZ Datasheet HTML 12Page - Analog Devices ADD5207ACPZ Datasheet HTML 13Page - Analog Devices ADD5207ACPZ Datasheet HTML 14Page - Analog Devices ADD5207ACPZ Datasheet HTML 15Page - Analog Devices ADD5207ACPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADD5207
Data Sheet
Rev. A | Page 14 of 16
The grounds of the IC, input capacitors, output capacitors, and
output diode (if applicable), should be connected close together,
and directly to a ground plane. It is also a good idea to have a
ground plane on both sides of the PCB. This reduces noise by
reducing ground loop errors and by absorbing more of the EMI
radiated by the inductor.
For multilayer boards of more than two layers, a ground plane
can be used to separate the power plane (power traces and com-
ponents) and the signal plane (feedback, compensation, and
components) for improved performance. On multilayer boards,
the use of vias is required to connect traces and different planes.
If a trace needs to conduct a significant amount of current from
one plane to the other, it is good practice to use one standard
via per 200 mA of current. Arrange the components so that the
switching current loops curl in the same direction.
Due to how switching regulators operate, there are two power
states: one state when the switch is on, and one when the switch
is off. During each state, there is a current loop made by the
power components currently conducting. Place the power
components so that the current loop is conducting in the same
direction during each of the two states. This prevents magnetic
field reversal caused by the traces between the two half cycles
and reduces radiated EMI.
Layout Procedure
To achieve high efficiency, good regulation, and stability, a good
PCB layout is required. It is recommended that the reference
board layout be followed as closely as possible because it is
already optimized for high efficiency and low noise.
Use the following general guidelines when designing PCBs:
Keep CIN close to the VIN and GND leads of the ADD5207.
Keep the high current path from CIN (through L1) to the
SW and GND leads as short as possible.
Keep the high current path from CIN (through L1), D1, and
COUT as short as possible.
Keep high current traces as short and as wide as possible.
Keep nodes connected to SW away from sensitive traces,
such as COMP, to prevent coupling of the traces. If such
traces must be run near each other, place a ground trace
between the two as a shield.
Place the compensation components as close as possible to
the COMP pin.
Place the LED current setting resistors as close as possible
to each pin to prevent noise pickup.
Avoid routing noise-sensitive traces near high current
traces and components, especially the LED current setting
node (ISET).
Use a thermal pad size that is the same dimension as the
exposed pad on the bottom of the package.
Heat Sinking
When using a surface-mount power IC or external power
switches, the PCB can often be used as the heat sink. This is
done by using the copper area of the PCB to transfer heat from
the device. Users should maximize this area to optimize thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com