| Zakładka z wyszukiwarką danych komponentów |
|
UDQ2547EB Arkusz danych(PDF) 8 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
UDQ2547EB Arkusz danych(HTML) 8 Page - Allegro MicroSystems |
|
8 / 8 page ![]() 2547 PROTECTED QUAD POWER DRIVERS 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 POWER SINK DRIVERS SELECTION GUIDE IN ORDER OF 1) OUTPUT CURRENT, 2) OUTPUT VOLTAGE, 3) NUMBER OF DRIVERS Output Ratings * Features Serial Latched Diode Saturated Internal mA V # Input Drivers Clamp Outputs Protection Part Number † 100 20 8 – – – X – 2595 30 32 X X – – – 5833 40 32 X X – X – 5832 250 135 7 – – X – – 7003 300 45 1 Hall Sensor/Driver X – X 5140 50 7 – – X – – 2003 50 8 – – X – – 2803 50 8 – – X X – 2596 60 2 Hall Sensor/Driver – X – 5275 60 4 – – X X X 2557 95 7 – – X – – 2023 95 8 – – X – – 2823 350 50 4 – X X – – 5800 50 7 – – X – – 2004 50 8 – – X – – 2804 50 8 – X X – – 5801 50 8 X X – – – 5821 80 8 X X – – – 5822 50 8 X X X – – 5841 80 8 X X X – – 5842 95 7 – – X – – 2024 95 8 – – X – – 2824 450 30 28 Dual 4 to 14-Line Decoder/Driver – – 6817 600 60 4 – – – X X 2547 60 4 – – X X X 2549 700 60 4 – – X X X 2543 and 2559 750 50 8 – – X X – 2597 900 14 2 Hall Sensor/Driver X X X 3625 26 2 Hall Sensor/Driver X X X 3626 1000 46 4 Stepper Motor Controller/Driver MOS – 7024 and 7029 1200 46 4 Microstepping Controller/Driver MOS – 7042 1250 50 4 Stepper Motor Translator/Driver – X 5804 50 4 – – X – – 2064 and 2068 1500 80 4 – – X – – 2065 and 2069 1600 50 9 X X – – X 5829 1800 50 4 – – X – – 2544 50 4 – – X – – 2540 3000 46 4 Stepper Motor Controller/Driver MOS – 7026 4000 50 4 – – X – – 2878 80 4 – – X – – 2879 * Current is maximum specified test condition, voltage is maximum rating. See specification for sustaining voltage limits or over-current protection voltage limits. † Complete part number includes additional characters to indicate operating temperature range and package style. |