| Zakładka z wyszukiwarką danych komponentów |
|
TAS5731MPHPR Arkusz danych(PDF) 55 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5731MPHPR Arkusz danych(HTML) 55 Page - Texas Instruments |
|
55 / 68 page ![]() TAS5731M www.ti.com SLOS838B – JULY 2013 – REVISED NOVEMBER 2013 INPUT MULTIPLEXER REGISTER (0x20) This register controls the modulation scheme (AD or BD mode) as well as the routing of I2S audio to the internal channels. Table 19. Input Multiplexer Register (0x20) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 – – – – – – – Channel-1 AD mode (1) 1 – – – – – – – Channel-1 BD mode – 0 0 0 – – – – SDIN-L to channel 1 (1) – 0 0 1 – – – – SDIN-R to channel 1 – 0 1 0 – – – – Reserved – 0 1 1 – – – – Reserved – 1 0 0 – – – – Reserved – 1 0 1 – – – – Reserved – 1 1 0 – – – – Ground (0) to channel 1 – 1 1 1 – – – – Reserved – – – – 0 – – – Channel 2 AD mode (1) – – – – 1 – – – Channel 2 BD mode – – – – – 0 0 0 SDIN-L to channel 2 – – – – – 0 0 1 SDIN-R to channel 2 (1) – – – – – 0 1 0 Reserved – – – – – 0 1 1 Reserved – – – – – 1 0 0 Reserved – – – – – 1 0 1 Reserved – – – – – 1 1 0 Ground (0) to channel 2 – – – – – 1 1 1 Reserved D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 1 1 1 0 1 1 1 Reserved (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 1 1 1 0 0 1 0 Reserved (1) (1) Default values are in bold. Copyright © 2013, Texas Instruments Incorporated 55 Product Folder Links :TAS5731M |