| Zakładka z wyszukiwarką danych komponentów |
|
A3951SW Arkusz danych(PDF) 2 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A3951SW Arkusz danych(HTML) 2 Page - Allegro MicroSystems |
|
2 / 12 page ![]() 3951 FULL-BRIDGE PWM MOTOR DRIVER 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 2 RC PHASE UVLO & TSD R S Dwg. FP-036-1 REF/ ENABLE SENSE BRAKE 9R R GROUND Q R S 1.5 V PWM LATCH VCC + – BLANKING VTH 50 75 100 125 150 10 6 4 2 0 TEMPERATURE IN °C 8 25 Dwg. GP-032A SUFFIX 'B', R = 43 °C/W θJA SUFFIX 'W', R = 38 °C/W θJA SUFFIX 'W', R = 2.0 °C/W θJT SUFFIX 'B', R = 6.0 °C/W θJT TRUTH TABLE BRAKE ENABLE PHASE OUT A OUT B DESCRIPTION H H X Z Z Outputs Disabled H L H H L Forward H L L L H Reverse L X X L L Brake, See Note X = Irrelevant Z = High Impedance (source and sink both off) NOTE: Includes internal default Vsense level for over-current protection. Copyright © 1994, 2000 Allegro MicroSystems, Inc. FUNCTIONAL BLOCK DIAGRAM |