| Zakładka z wyszukiwarką danych komponentów |
|
NLCV25T-R15M-PFR Arkusz danych(PDF) 11 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
NLCV25T-R15M-PFR Arkusz danych(HTML) 11 Page - TDK Electronics |
|
11 / 16 page ![]() (9/14) 001-03 / 20110927 / e511_nlcv_nlc • All specifications are subject to change without notice. Inductors for Decoupling Circuits Wound/For Current NLC Series NLC453232 FEATURES • The NLC series feature low DC resistance and high current handling capacities, making them ideal for power supply line applications. • The product has good heat durability that withstands lead-free compatible reflow soldering conditions. • Lead-free material is used for the plating on the terminal. • The product uses metal terminals, which realize excellent connection reliability. • From 1µH to 330µH, all of the products in the E-12 series are K(±10%) tolerance products. • It is a product conforming to RoHS directive. APPLICATIONS • Electronic equipment used in communication infrastructures including xDSL and mobile base stations. • Audio-visual equipment including TVs and VCRs. • Other electronic equipment including HDDs and ODDs. SPECIFICATIONS RECOMMENDED SOLDERING CONDITIONS REFLOW SOLDERING FLOW SOLDERING IRON SOLDERING • Based on the above conditions, use a maximum product temperature of 260°C and a maximum accumulated heating time of 10 seconds as a guideline. • Please contact us for details. PRODUCT IDENTIFICATION (1) Series name (2) Dimensions (3) Packaging style (4) Inductance value (5) Inductance tolerance (6) Lead-free compatible product PACKAGING STYLE AND QUANTITIES Conformity to RoHS Directive Operating temperature range –40 to +105°C [Including self-temperature rise] Storage temperature range –40 to +105°C 150˚C 180˚C 255˚C 230˚C Pre-heating 90 to 120s 40s max. 10s max. Natural cooling Time(s) 150˚C 170˚C 260˚C max. Pre-heating 60 to 120s 10s max. Natural cooling Time(s) Tip temperature 300 to 350°C Heating time 3 seconds/soldering Soldering rod specifications Output: 30W Tip diameter: 1mm NLC 453232 T- 2R2 K - PF (1) (2) (3) (4) (5) (6) 453232 4.5 ×3.2×3.2mm (L×W×T) T Taping (reel) 1R0 1µH 100 10µH 101 100µH K±10% PF Lead-free compatible product Packaging style Quantity Taping 500 pieces/reel • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. |