| Zakładka z wyszukiwarką danych komponentów |
|
AD7948ARS-B Arkusz danych(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7948ARS-B Arkusz danych(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() AD7943/AD7945/AD7948 REV. B –13– GENERAL DESCRIPTION D/A Section The AD7943, AD7945 and AD7948 are 12-bit current-output D/A converters. A simplified circuit diagram is shown in Fig- ure 13. The DAC architecture is segmented. This means that the 2 MSBs of the 12-bit data word are decoded to drive the three switches A, B and C. The remaining 10 bits of the data word drive the switches S0 to S9 in a standard inverting R-2R ladder configuration. Each of the switches A to C steers 1/4 of the total reference current into either IOUT1 or IOUT2 with the remaining 1/4 of the total current passing through the R-2R section. Switches S9 to S0 steer binarily weighted currents into either IOUT1 or IOUT2. If IOUT1 and IOUT2 are kept at the same potential, a constant cur- rent flows in each ladder leg, regardless of digital input code. Thus, the input resistance seen at VREF is always constant. It is equal to R/2. The VREF input may be driven by any reference voltage or current, ac or dc that is within the Absolute Maxi- mum Ratings. The device provides access to the VREF, RFB, and IOUT1 termi- nals of the DAC. This makes the device extremely versatile and allows it to be configured in several different operating modes. Examples of these are shown in the following sections. The AD7943 also has a separate IOUT2 pin. In the AD7945 and AD7948 this is internally tied to AGND. When an output amplifier is connected in the standard configu- ration of Figure 14, the output voltage is given by: VOUT = –D × V REF where D is the fractional representation of the digital word loaded to the DAC. D can be set from 0 to 4095/4096, since it has 12-bit resolution. VREF 2R R/2 RR R CA BS9 S8 S0 RFB IOUT1 IOUT2 2R 2R 2R 2R 2R 2R SHOWN FOR ALL 1S ON DAC Figure 13. Simplified D/A Circuit Diagram UNIPOLAR BINARY OPERATION (Two-Quadrant Multiplication) Figure 14 shows the standard unipolar binary connection dia- gram for the AD7943, AD7945 and AD7948. When VIN is an ac signal, the circuit performs two-quadrant multiplication. Resistors R1 and R2 allow the user to adjust the DAC gain error. With a specified gain error of 2 LSBs over temperature, these are not necessary in many applications. Circuit offset is due completely to the output amplifier offset. It can be re- moved by adjusting the amplifier offset voltage. Alternatively, choosing a low offset amplifier makes this unnecessary. A1 should be chosen to suit the application. For example, the OP07 is ideal for very low bandwidth applications (10 kHz or IOUT1 IOUT2 A1 VOUT SIGNAL GROUND A1: OP07 AD711 AD843 AD845 AGND DAC VREF R1 20 AD7943/45/48 VIN R2 10 RFB C1 NOTES 1. ONLY ONE DAC IS SHOWN FOR CLAIRITY. 2. DIGITAL INPUT CONNECTIONS ARE OMITTED. 3. C1 PHASE COMPENSATION (5 – 15pF) MAY BE REQUIRED WHEN USING HIGH SPEED AMPLIFIER. Figure 14. Unipolar Binary Operation lower) while the AD711 is suitable for medium bandwidth ap- plications (200 kHz or lower). For high bandwidth applications of greater than 200 kHz, the AD843 and AD847 offer very fast settling times. The code table for Figure 14 is shown in Table III. Table III. Unipolar Binary Code Digital Input Analog Output MSB LSB (VOUT as Shown in Figure 14) 1111 1111 1111 –VREF (4095/4096) 1000 0000 0001 –VREF (2049/4096) 1000 0000 0000 –VREF (2048/4096) 0111 1111 1111 –VREF (2047/4096) 0000 0000 0001 –VREF (1/4096) 0000 0000 0000 –VREF (0/4096) = 0 NOTE Nominal LSB size for the circuit of Figure 14 is given by: V REF (1/4096). |
|
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |