| Zakładka z wyszukiwarką danych komponentów |
|
ADV601JS Arkusz danych(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV601JS Arkusz danych(HTML) 28 Page - Analog Devices |
|
28 / 52 page ![]() ADV601 –28– REV. 0 6 3 0 39 36 33 30 24 21 27 18 15 12 9 40 37 34 31 25 22 28 19 16 13 7 4 10 1 26 23 29 20 17 14 8 5 11 2 41 38 35 32 Y COMPONENT Cb COMPONENT Cr COMPONENT Figure 13. Block Order of Wavelet Compressed Field Data (Modified Mallat Diagram) In general, a Frame of data is made up of odd and even Fields as shown in Figure 12. Each Field Sequence is made up of a First Block Sequence and a Complete Block Sequence. The First Block Sequence is separate from the Complete Block Sequence. The Complete Block Sequence contains the remaining 41 Block Sequences (see block numbering in Figure 13). Each Block Sequence contains a start of block delimiter, Bin Width for the block and actual encoder data for the block. A pseudo code bit stream example for one complete field of video is shown in Table XV. A pseudo code bit stream example for one sequence of fields is shown in Table XVI. An example listing of a field of video in ADV601 bitstream format appears in Table XVIII. |