| Zakładka z wyszukiwarką danych komponentów |
|
L7809CV-DG Arkusz danych(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7809CV-DG Arkusz danych(HTML) 39 Page - STMicroelectronics |
|
39 / 57 page ![]() DocID2143 Rev 31 39/57 L78xx, L78xxC, L78xxAB, L78xxAC Package mechanical data 8 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. In spite of some difference in tolerances, the packages are compatible. Table 23. TO-220 mechanical data Dim. Type STD - ST Dual Gauge Type STD - ST Single Gauge mm. mm. Min. Typ. Max. Min. Typ. Max. A 4.40 4.60 4.40 4.60 b 0.61 0.88 0.61 0.88 b1 1.14 1.70 1.14 1.70 c 0.48 0.70 0.48 0.70 D 15.25 15.75 15.25 15.75 D1 1.27 E 10.00 10.40 10.00 10.40 e 2.40 2.70 2.40 2.70 e1 4.95 5.15 4.95 5.15 F 1.23 1.32 0.51 0.60 H1 6.20 6.60 6.20 6.60 J1 2.40 2.72 2.40 2.72 L 13.00 14.00 13.00 14.00 L1 3.50 3.93 3.50 3.93 L20 16.40 16.40 L30 28.90 28.90 P 3.75 3.85 3.75 3.85 Q 2.65 2.95 2.65 2.95 |