| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC30F2010 Arkusz danych(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2010 Arkusz danych(HTML) 14 Page - Microchip Technology |
|
14 / 236 page ![]() dsPIC30F6010A/6015 DS70150C-page 12 © 2007 Microchip Technology Inc. U1RX U1TX U1ARX U1ATX U2RX U2TX I O I O I O ST — ST — ST — UART1 Receive. UART1 Transmit. UART1 Alternate Receive. UART1 Alternate Transmit. UART2 Receive. UART2 Transmit. VDD P — Positive supply for logic and I/O pins. VSS P — Ground reference for logic and I/O pins. VREF+ I Analog Analog Voltage Reference (High) input. VREF- I Analog Analog Voltage Reference (Low) input. TABLE 1-1: dsPIC30F6010A/6015 I/O PIN DESCRIPTIONS (CONTINUED) Pin Name Pin Type Buffer Type Description Legend: CMOS = CMOS compatible input or output Analog = Analog input ST = Schmitt Trigger input with CMOS levels O = Output I = Input P = Power |