Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S1B Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części S1B
Szczegółowy opis  Surface Mount Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S1B Arkusz danych(HTML) 2 Page - Vishay Siliconix

  S1B Datasheet HTML 1Page - Vishay Siliconix S1B Datasheet HTML 2Page - Vishay Siliconix S1B Datasheet HTML 3Page - Vishay Siliconix S1B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S1A, S1B, S1D, S1G, S1J, S1K, S1M
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-13
2
Document Number: 88711
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
S1A
S1B
S1D
S1G
S1J
S1K
S1M
UNIT
Maximum instantaneous
forward voltage
1.0 A
VF
1.1
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
1.0
5.0
μA
TA = 125 °C
50
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
1.8
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
12
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
S1A
S1B
S1D
S1G
S1J
S1K
S1M
UNIT
Typical thermal resistance (1)
RJA
75
85
°C/W
RJL
27
30
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
S1J-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
S1J-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
S1JHE3/61T (1)
0.064
61T
1800
7" diameter plastic tape and reel
S1JHE3/5AT (1)
0.064
5AT
7500
13" diameter plastic tape and reel
S1JHE3_A/H (1)
0.064
H
1800
7" diameter plastic tape and reel
S1JHE3_A/I (1)
0.064
I
7500
13" diameter plastic tape and reel
Resistive or Inductive Load
0
1.2
60
80
160
20
40
Lead Temperature (°C)
120
140
100
1.0
0.8
0.6
0.4
0.2
0
0.2" x 0.2" (5.0 mm x 5.0 mm)
Thick Copper Pad Areas
S1A thru S1J
S1K, S1M
0
10
100
1
100
10
T
L = 110 °C
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
S1A thru S1J
S1K, S1M



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com