Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AO4578 Arkusz danych(PDF) 1 Page - Alpha & Omega Semiconductors

Numer części AO4578
Szczegółowy opis  SO8 PACKAGE MARKING DESCRIPTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AOSMD [Alpha & Omega Semiconductors]
Strona internetowa  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4578 Arkusz danych(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4578 Datasheet HTML 1Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AO4578 Marking Description
Version
Document No.
Title
A
PD-02093
AO4578L
NOTE:
LOGO
- AOS Logo
4578
- Part number code
F
- Fab code
A
- Assembly location code
Y
- Year code
W
- Week code
L&T
- Assembly lot code
Green product
Green product
DESCRIPTION
PART NO.
4578
AO4578
CODE
SO8 PACKAGE MARKING DESCRIPTION
Green product
4578


Podobny numer części - AO4578

ProducentNumer częściArkusz danychSzczegółowy opis
logo
shenzhen wanhexing Elec...
AO4578 WHXPCB-AO4578 Datasheet
2Mb / 5P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4578 KEXIN-AO4578 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4578 DOINGTER-AO4578 Datasheet
367Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
AO4578-HF KEXIN-AO4578-HF Datasheet
1Mb / 4P
N-Channel MOSFET
More results

Podobny opis - AO4578

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha & Omega Semicondu...
AOV20S60 AOSMD-AOV20S60 Datasheet
77Kb / 1P
DFN8X8 PACKAGE MARKING DESCRIPTION
AOTF3N80 AOSMD-AOTF3N80 Datasheet
102Kb / 1P
TO220F PACKAGE MARKING DESCRIPTION
AON7760 AOSMD-AON7760 Datasheet
76Kb / 1P
DFN3.3X3.3 PACKAGE MARKING DESCRIPTION
AON7400B AOSMD-AON7400B Datasheet
77Kb / 1P
DFN3X3 PACKAGE MARKING DESCRIPTION
AON6812 AOSMD-AON6812 Datasheet
77Kb / 1P
DFN5X6 PACKAGE MARKING DESCRIPTION
AO4952 AOSMD-AO4952 Datasheet
59Kb / 1P
SO8 PACKAGE MARKING DESCRIPTION
AO3410 AOSMD-AO3410 Datasheet
110Kb / 1P
PACKAGE MARKING DESCRIPTION
AOTF472 AOSMD-AOTF472 Datasheet
117Kb / 1P
PACKAGE MARKING DESCRIPTION
AOTF42S60L AOSMD-AOTF42S60L Datasheet
127Kb / 1P
PACKAGE MARKING DESCRIPTION
AOTF3N90 AOSMD-AOTF3N90 Datasheet
124Kb / 1P
PACKAGE MARKING DESCRIPTION
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com