| Zakładka z wyszukiwarką danych komponentów |
|
MCP6041 Arkusz danych(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6041 Arkusz danych(HTML) 1 Page - Microchip Technology |
|
1 / 34 page ![]() © 2008 Microchip Technology Inc. DS21669C-page 1 MCP6041/2/3/4 Features • Low Quiescent Current: 600 nA/amplifier (typical) • Rail-to-Rail Input/Output • Gain Bandwidth Product: 14 kHz (typical) • Wide Supply Voltage Range: 1.4V to 6.0V • Unity Gain Stable • Available in Single, Dual, and Quad • Chip Select (CS) with MCP6043 • Available in 5-lead and 6-lead SOT-23 Packages • Temperature Ranges: - Industrial: -40°C to +85°C - Extended: -40°C to +125°C Applications • Toll Booth Tags • Wearable Products • Temperature Measurement •Battery Powered Design Aids • SPICE Macro Models • FilterLab® Software • Mindi™ Circuit Designer & Simulator • MAPS (Microchip Advanced Part Selector) • Analog Demonstration and Evaluation Boards • Application Notes Related Devices • MCP6141/2/3/4: G = +10 Stable Op Amps Typical Application Description The MCP6041/2/3/4 family of operational amplifiers (op amps) from Microchip Technology Inc. operate with a single supply voltage as low as 1.4V, while drawing less than 1 µA (maximum) of quiescent current per amplifier. These devices are also designed to support rail-to-rail input and output operation. This combination of features supports battery-powered and portable applications. The MCP6041/2/3/4 amplifiers have a gain-bandwidth product of 14 kHz (typical) and are unity gain stable. These specifications make these op amps appropriate for low frequency applications, such as battery current monitoring and sensor conditioning. The MCP6041/2/3/4 family operational amplifiers are offered in single (MCP6041), single with Chip Select (CS) (MCP6043), dual (MCP6042), and quad (MCP6044) configurations. The MCP6041 device is available in the 5-lead SOT-23 package, and the MCP6043 device is available in the 6-lead SOT-23 package. Package Types VDD IDD MCP604X 100 k Ω 1M Ω 1.4V VOUT High Side Battery Current Sensor 10 Ω to 6.0V I DD V DD V OUT – 10 V/V () 10 Ω () ⋅ ------------------------------------------ = VIN+ VIN– VSS VDD VOUT 1 2 3 4 8 7 6 5 NC NC NC MCP6041 PDIP, SOIC, MSOP MCP6042 PDIP, SOIC, MSOP MCP6043 PDIP, SOIC, MSOP MCP6044 PDIP, SOIC, TSSOP VINA+ VINA– VSS VOUTB VINB– 1 2 3 4 8 7 6 5 VINB+ VDD VOUTA VIN+ VIN– VSS VDD VOUT 1 2 3 4 8 7 6 5 NC CS NC VINA+ VINA– VDD VIND– VIND+ 1 2 3 4 14 13 12 11 VSS VOUTD VOUTA VINB– VINB+ VOUTB VINC+ VINC– 5 6 7 10 9 8 VOUTC VIN+ VSS VIN– 1 2 3 5 4 VDD VOUT MCP6041 SOT-23-5 VIN+ VSS VIN– 1 2 3 6 4 VDD VOUT MCP6043 SOT-23-6 5 CS 600 nA, Rail-to-Rail Input/Output Op Amps |
Podobny numer części - MCP6041 |
|
Podobny opis - MCP6041 |