Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS150Y Arkusz danych(PDF) 1 Page - Alpha Industries

Numer części AS150Y
Szczegółowy opis  GaAs IC High Power SPDT Switch Positive Control DC-3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALPHA [Alpha Industries]
Strona internetowa  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS150Y Arkusz danych(HTML) 1 Page - Alpha Industries

  AS150Y Datasheet HTML 1Page - Alpha Industries AS150Y Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 10/99A
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics5
Rise, Fall (10/90% or 90/10% RF)
60
ns
On, Off (50% CTL to 90/10% RF)
100
ns
Video Feedthru
50
mV
Input Power for 1 dB Compression
+3 V
1.9 GHz
+32
dBm
+5 V
1.9 GHz
+37
dBm
Intermodulation Intercept Point (IP3)
For Two-tone Input Power +10 dBm
1.9 GHz
+55
dBm
Control Voltages
VLow = 0 to 0.2 V @ 20 µA Max.
VHigh = +3 V @ 100 µA Max. to +5 V @ 200 µA Max.
VS = VHigh ± 0.2 V
GaAs IC High Power SPDT Switch
Positive Control DC–3 GHz
Features
I High Linearity (IP3 55 dBm @ 1.9 GHz)
I High Isolation (22 dB @ 1.9 GHz)
I Low Insertion Loss (0.55 dB @ 1.9 GHz)
I Low DC Power Consumption
I Positive 3 V or 5 V Control Voltage
AS150-59
Description
The AS150-59 is an IC FET SPDT switch in a MSOP-8
plastic package. This switch has been designed for use
where extremely high linearity and low insertion loss are
required. It is controlled with positive voltage eliminating the
need for negative voltage. Some standard implementations
include antenna changeover, T/R and diversity switching
over 2 W.The AS150-59 switch can be used in many analog
and digital wireless communication systems.
Parameter1
Frequency2
Min.
Typ.
Max.
Unit
Insertion Loss3
DC–1.0 GHz
0.45
0.55
dB
1.0–2.0 GHz
0.6
0.75
dB
2.0–3.0 GHz
0.9
1.2
dB
Isolation
DC–1.0 GHz
19
22
dB
1.0–2.0 GHz
18
20
dB
2.0–3.0 GHz
20
23
dB
VSWR4
DC–1.0 GHz
1.2:1
1.3:1
1.0–2.0 GHz
1.3:1
1.4:1
2.0–3.0 GHz
1.7:1
1.8:1
Electrical Specifications at 25°C (0, +5 V)
0.012 (0.30 mm)
PIN 1
PIN 1
INDICATOR
+ 0.006 (0.15 mm)
7.0˚
TYP.
0.038 (0.95 mm)
0.030 (0.75 mm)
0.017
(0.43 mm)
8.0˚
MAX.
0.028 (0.70 mm)
0.016 (0.40 mm)
0.007 (0.18 mm)
± 0.005 (0.12 mm)
0.006 (0.15 mm)
0.002 (0.05 mm)
- 0.002 (0.05 mm)
0.0256 (0.65 mm) TYP.
0.118 (3.00 mm)
± 0.004 (0.1 mm)
SQ.
0.193 (4.90 mm)
REF.
Operating Characteristics at 25°C (0, +5 V)
MSOP-8
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. DC = 300 kHz.
3. Insertion loss changes by 0.003 dB/°C.
4. Insertion loss state.
5. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.


Podobny numer części - AS150Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AS150 ETC-AS150 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
MotionKing Motor Indust...
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
logo
Pentair Equipment Prote...
AS150 HOFFMANPRODUCTS-AS150 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
Astrodyne Corporation
AS150-12 ASTRODYNE-AS150-12 Datasheet
489Kb / 2P
150W Single Output Switching Power Supply
AS150-15 ASTRODYNE-AS150-15 Datasheet
489Kb / 2P
150W Single Output Switching Power Supply
More results

Podobny opis - AS150Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Industries
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS148-24 ALPHA-AS148-24 Datasheet
25Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS176-59 ALPHA-AS176-59 Datasheet
61Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
AS177-86 ALPHA-AS177-86 Datasheet
50Kb / 2P
GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
logo
ANADIGICS, Inc
AWS5503-S15 ANADIGICS-AWS5503-S15 Datasheet
306Kb / 3P
GaAs IC High Power SPDT Reflective Switch Positive Control DC - 3 GHz
REV 0
AWS5504-S14 ANADIGICS-AWS5504-S14 Datasheet
293Kb / 3P
GaAs IC High Power Positive Control SPDT Reflective Switch DC-2.0 GHz
REV 1
AWS5503 ANADIGICS-AWS5503 Datasheet
536Kb / 8P
GaAs IC High Power SPDT Reflective Switch Positive Control DC-3 GHz
Rev 1.0
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com