Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD744JN Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD744JN
Szczegółowy opis  Precision, 500 ns Settling BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD744JN Arkusz danych(HTML) 3 Page - Analog Devices

  AD744JN Datasheet HTML 1Page - Analog Devices AD744JN Datasheet HTML 2Page - Analog Devices AD744JN Datasheet HTML 3Page - Analog Devices AD744JN Datasheet HTML 4Page - Analog Devices AD744JN Datasheet HTML 5Page - Analog Devices AD744JN Datasheet HTML 6Page - Analog Devices AD744JN Datasheet HTML 7Page - Analog Devices AD744JN Datasheet HTML 8Page - Analog Devices AD744JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. C
AD744
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltage
3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q, H) . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD744J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD744A/B . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD744S/T . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 seconds) . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Thermal Characteristics
8-Lead Plastic Package:
θ
JA = 100
°C/Watt, θ
JC = 33
°C/Watt
8-Lead Cerdip Package:
θ
JA = 110
°C/Watt, θ
JC = 22
°C/Watt
8-Lead Metal Can Package:
θ
JA = 150
°C/Watt, θ
JC = 65
°C/Watt
8-Lead SOIC Package:
θ
JA = 160
°C/Watt, θ
JC = 42
°C/Watt
3For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
ORDERING GUIDE
Temperature
Package
Model
Range
Option
*
AD744JN
0
°C to +70°C
N-8
AD744KN
0
°C to +70°C
N-8
AD744JR
0
°C to +70°C
SO-8
AD744KR
0
°C to +70°C
SO-8
AD744AQ
–40
°C to +85°C
Q-8
AD744BQ
–40
°C to +85°C
Q-8
AD744AH
–40
°C to +85°C
H-08A
AD744JCHIPS
0
°C to +70°CDie
AD744JR-REEL
0
°C to +70°C
Tape/Reel 13"
AD744JR-REEL 7
0
°C to +70°C
Tape/Reel 7"
AD744KR-REEL
0
°C to +70°C
Tape/Reel 13"
AD744KR-REEL 7
0
°C to +70°C
Tape/Reel 7"
AD744TA/883B
–55
°C to +125°C
H-08
*N = Plastic DIP; SO = Small Outline IC; Q = Cerdip; H = TO-99 Metal Can.
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com