| Zakładka z wyszukiwarką danych komponentów |
|
CFWKA450KBFY001-R0 Arkusz danych(PDF) 36 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
CFWKA450KBFY001-R0 Arkusz danych(HTML) 36 Page - Murata Manufacturing Co., Ltd. |
|
36 / 78 page ![]() MHz SMD Type CERAFIL r Packaging Part Number ø180mm 2,000 1,500 SFECF SFSCE c Minimum Quantity ( ): Reference (in mm) Dimensions of Carrier Tape Dimensions of Reel ø13.0±0.5 2.0±0.5 240 to 280 400 to 560 160 to 190 Empty Components Cover film Empty Trailer Leader 17.0±1.0 +1.0 -0 13.0 Chip filter ø1.55±0.05 User direction of feed Cover film Peeling strength (0.1 to 0.7N) (3°) 10° max. 4.0±0.1 2.0±0.05 4.0±0.1 3.35 +0.1 -0.05 c SFECF10M7 Series (in mm) Dimensions of Carrier Tape Dimensions of Reel ± ± ± (3°) ± ± ± ± ± Cover film ± ± Cover film Trailer ± c SFSCE10M7 Series P05E.pdf Nov.24,2011 34 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. |