| Zakładka z wyszukiwarką danych komponentów |
|
AD7501SE Arkusz danych(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7501SE Arkusz danych(HTML) 1 Page - Analog Devices |
|
1 / 4 page ![]() REV. B a AD7501/AD7502/AD7503 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © 2003 Analog Devices, Inc. All rights reserved. CMOS 4-/8-Channel Analog Multiplexers FUNCTIONAL BLOCK DIAGRAM AD7501/AD7503 AD7502 GENERAL DESCRIPTION The AD7501 and AD7503 are monolithic CMOS, 8-channel analog multiplexers which switch one of eight inputs to a common output, depending on the state of three binary address lines and an “enable” input. The AD7503 is identical to the AD7501 except its “enable” logic is inverted. All digital inputs are TTL/DTL and CMOS logic compatible. The AD7502 is a monolithic CMOS dual 4-channel analog multiplexer. Depending on the state of two binary address inputs and an “enable,” it switches two output buses to two of eight inputs. Truth Tables AD7501 A2 A1 A0 EN “ON” 0001 1 0011 2 0101 3 0111 4 1001 5 1011 6 1101 7 1111 8 XXX0 None AD7503 A2 A1 A0 EN “ON” 0000 1 0010 2 0100 3 0110 4 1000 5 1010 6 1100 7 1110 8 XXX1 None FEATURES DTL/TTL/CMOS Direct Interface Power Dissipation: 30 W RON: 170 Standard 16-Lead DlPs and 20-Terminal Surface Mount Packages AD7502 Al A0 EN “ON” 00 1 1 & 5 01 1 2 & 6 10 1 3 & 7 11 1 4 & 8 XX 0 None |
Podobny numer części - AD7501SE |
|
Podobny opis - AD7501SE |