| Zakładka z wyszukiwarką danych komponentów |
|
TC7106CLW Arkusz danych(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7106CLW Arkusz danych(HTML) 17 Page - Microchip Technology |
|
17 / 34 page ![]() © 2008 Microchip Technology Inc. DS21455D-page 17 TC7106/A/TC7107/A FIGURE 8-2: Common Mode Voltage Removed in Battery Operation with VIN- = Analog Common. The analog common pin serves to set the analog section reference or common point. The TC7106A is specifically designed to operate from a battery, or in any measurement system where input signals are not referenced (float), with respect to the TC7106A power source. The analog common potential of V+ – 3.0V gives a 6V end of battery life voltage. The common potential has a 0.001% voltage coefficient and a 15 Ω output impedance. With sufficiently high total supply voltage (V+ – V- > 7.0V), analog common is a very stable potential with excellent temperature stability, typically 20 ppm/°C. This potential can be used to generate the reference voltage. An external voltage reference will be unnecessary in most cases because of the 50 ppm/°C maximum temperature coefficient. See Section 8.5 “Internal Voltage Reference”. 8.4 TEST (Pin 37) The TEST pin potential is 5V less than V+. TEST may be used as the negative power supply connection for external CMOS logic. The TEST pin is tied to the internally generated negative logic supply (Internal Logic Ground) through a 500 Ω resistor in the TC7106A. The TEST pin load should be no more than 1mA. If TEST is pulled to V+ all segments plus the minus sign will be activated. Do not operate in this mode for more than several minutes with the TC7106A. With TEST = V+, the LCD segments are impressed with a DC voltage which will destroy the LCD. The TEST pin will sink about 10 mA when pulled to V+. 8.5 Internal Voltage Reference The analog common voltage temperature stability has been significantly improved (Figure 8-3). The “A” version of the industry standard circuits allow users to upgrade old systems and design new systems without external voltage references. External R and C values do not need to be changed. Figure 8-4 shows analog common supplying the necessary voltage reference for the TC7106A/TC7107A. FIGURE 8-3: Analog Common Temperature Coefficient. FIGURE 8-4: Internal Voltage Reference Connection. V BUF C AZ V INT BP POL Segment Drive OSC1 OSC3 OSC2 V- V+ V REF+ V REF - Analog Common V- V+ V- V+ GND GND Measured System Power Source 9V LCD Display TC7106A + V IN - V IN + Typical No Maximum Specified No Maximum Specified No Maximum Specified Typical Typical 200 180 160 140 120 100 80 60 40 20 0 ICL7136 TC 7106A ICL7106 Maximum Limit V- Analog Common TC7106A TC7107A V REF + 32 35 36 24k Ω 1k Ω V REF - V REF 1 Set V REF = 1/2 V FULL SCALE V+ |