| Zakładka z wyszukiwarką danych komponentów |
|
AM27C040-200PC Arkusz danych(PDF) 13 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM27C040-200PC Arkusz danych(HTML) 13 Page - Advanced Micro Devices |
|
13 / 13 page ![]() Am27C040 13 FI NAL Operating Ranges: Changed Supply Read Voltages listings to match those in the Product Selector Guide. AC Characteristics: Added -90 and deleted -100 speed options in table, re- arranged notes, moved text from table title to Note 4, renamed table. Revision F Deleted -255 speed option. Changed all active low signal designations from over- bars or trailing “#”s. Revision G Global Made formatting and layout consistent with other data sheets. Used updated common tables and diagrams. Distinctive Characteristics: Low Power Consumption: Changed “100 µA maximum” to “<10 µA typical”. TSOP package deleted. General Description: In the third paragraph, changed “100 µW in standby mode” to 50 µW in standby mode”. Connection Diagrams: Deleted TSOP Pinout figure. Pin Designations: Changed “Chip Enable Input” to “Chip Enable/Program Enable Input”. Ordering Information: UV EPROM Products: Changed -75 speed option to -90. OTP EPROM Products: Changed -75 speed option to -90. Temperature Range: Added “E = Extended (–55 °C to 125 °C)”. Package Type: Deleted “E = 32-pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032)”. Valid Combinations: Deleted EC and EI options. Functional Description: Replaced device specific text with generic text. Test Conditions: New section with Test Setup Figure and Test Specifica- tions Table. Switching Test Waveform: Modified figure. Operating Ranges: Supply Read Voltages: Replaced with generic data. DC Characteristics: Modified Figures 1 and 2. Switching Waveform: Corrected “DF” to “tDF” in Note 2. Package Capacitance: Deleted TSOP data. Physical Dimensions: New section, added figures for the 32-Pin Ceramic DIP, 32-Pin Plastic DIP, and 32-Pin Plastic Leaded Chip Carrier. Trademarks Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc. Flashrite is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |