Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F080B-150EI Arkusz danych(PDF) 3 Page - Advanced Micro Devices

Numer części AM29F080B-150EI
Szczegółowy opis  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-150EI Arkusz danych(HTML) 3 Page - Advanced Micro Devices

  AM29F080B-150EI Datasheet HTML 1Page - Advanced Micro Devices AM29F080B-150EI Datasheet HTML 2Page - Advanced Micro Devices AM29F080B-150EI Datasheet HTML 3Page - Advanced Micro Devices AM29F080B-150EI Datasheet HTML 4Page - Advanced Micro Devices AM29F080B-150EI Datasheet HTML 5Page - Advanced Micro Devices AM29F080B-150EI Datasheet HTML 6Page - Advanced Micro Devices AM29F080B-150EI Datasheet HTML 7Page - Advanced Micro Devices AM29F080B-150EI Datasheet HTML 8Page - Advanced Micro Devices AM29F080B-150EI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Am29F080B
3
P R E L I M I NARY
PRODUCT SELECTOR GUIDE
Note: See the “AC Characteristics” section for more information.
BLOCK DIAGRAM
Family Part Number
Am29F080B
Speed Option
VCC = 5.0 V ± 5%
-75
VCC = 5.0 V ± 10%
-90
-120
-150
Max Access Time, ns (tACC)
70
90
120
150
Max CE# Access, ns (tCE)
70
90
120
150
Max OE# Access, ns (tOE)
4040
5075
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
CE#
OE#
STB
STB
DQ0
–DQ7
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A19
21503C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37