| Zakładka z wyszukiwarką danych komponentów |
|
AM53CF94JC Arkusz danych(PDF) 51 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM53CF94JC Arkusz danych(HTML) 51 Page - Advanced Micro Devices |
|
51 / 76 page ![]() P R E L I M I N A R Y AMD 51 Am53CF94/Am53CF96 10 tS Address to CS Set Up Time 0 ns 11 tH Address to CS Hold Time 30 ns 12 tS CS to RD Set Up Time 0 ns 13 tPD CS to Data Valid Delay 65 ns 14 tPWL RD Pulse Width Low 30 ns 15 tPD RD to Data Valid Delay 30 ns 16 tH RD to CS Hold Time 0 ns 17 tZ RD to Data High Impedance 30 ns 18 tH RD to Data Hold Time 2 ns 19 tPWH CS Pulse Width High 30 ns 20 tS RD to CS Set Up Time 40 ns 21 tH CS to Data Hold Time 2 ns 22 tZ CS to Data High Impedance 30 ns 23 tS CS to WR Set Up Time 0 ns 24 tPWL WR Pulse Width Low 30 ns 25 tS Data to WR Set Up Time 15 ns 26 tH WR to CS Hold Time 0 ns 27 tS WR to CS Set Up Time 30 ns 28 tPWH WR Pulse Width High 40 ns 29 tH Data to WR Hold Time 0 ns 30 tH CS to Data Hold 30 ns 31 tS Data to CS Setup Time 10 ns Parameter No. Symbol Parameter Description Test Conditions Min Max Unit Note: There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B). Register Read/Write with Non-Multiplexed Address Data Bus |