| Zakładka z wyszukiwarką danych komponentów |
|
AM53CF96KC Arkusz danych(PDF) 48 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM53CF96KC Arkusz danych(HTML) 48 Page - Advanced Micro Devices |
|
48 / 76 page ![]() P R E L I M I N A R Y AMD 48 Am53CF94/Am53CF96 1tPWL Clock Pulse Width Low 0.4 • tCP 0.6 • tCP ns 2tCP Clock period (1 ÷ Clock Frequency) 25 50 ns 3A tL Synchronization latency 54.58 2 • tCP ns 4tPWH Clock Pulse Width High 0.4 • tCP 0.6 • tCP ns 1tPWL1 Clock Pulse Width Low 14.58 0.65 • tCP ns 2tCP Clock period (1 ÷ Clock Frequency) 40 100 ns 3tL Synchronization latency 54.58 tPWL + tCP ns 4tPWH1 Clock Pulse Width High 14.58 0.65 • tCP ns Parameter No. Symbol Parameter Description Test Conditions Min Max Unit Parameter No. Symbol Parameter Description Test Conditions Min Max Unit Clock Input Note: Clock Frequency Range for Fast Clk disabled. = 10 MHz to 25 MHz for Asynchronous transmission = 12 MHz to 25 MHz for Synchronous transmission 1For Synchronous data transmissions, the following conditions must be true: 2tCP + tPWL > 97.92 ns 2tCP + tPWH > 97.92 ns FastClk Disabled (Control Register Three (0CH) bit 3=0) Note: Clock Frequency Range for Fast Clk enabled. = 20 MHz to 40 MHz for Asynchronous Transmission = 20 MHz to 40 MHz for Synchronous Transmission FastClk Enabled (Control Register Three (0CH) bit 3=1) CLK 2 41 3 17348B-37 3A |