Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM7992BDC Arkusz danych(PDF) 24 Page - Advanced Micro Devices

Numer części AM7992BDC
Szczegółowy opis  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992BDC Arkusz danych(HTML) 24 Page - Advanced Micro Devices

Back Button AM7992BDC Datasheet HTML 19Page - Advanced Micro Devices AM7992BDC Datasheet HTML 20Page - Advanced Micro Devices AM7992BDC Datasheet HTML 21Page - Advanced Micro Devices AM7992BDC Datasheet HTML 22Page - Advanced Micro Devices AM7992BDC Datasheet HTML 23Page - Advanced Micro Devices AM7992BDC Datasheet HTML 24Page - Advanced Micro Devices AM7992BDC Datasheet HTML 25Page - Advanced Micro Devices AM7992BDC Datasheet HTML 26Page - Advanced Micro Devices AM7992BDC Datasheet HTML 27Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
AMD
24
Am7992B
SWITCHING WAVEFORMS
03378I-22
2.0 V
0.8 V
2.0
0.8
2.0
0.8
0.8 V
0.8 V
0.8 V
2.0 V
25
24
26
27
28
29
28
TCLK
TX
TENA
TCLK and TX Timing
TOSC
0.8
2.0
1.5
1.5
1.5
1.5
X1
Driving
Input
TCLK
Transmit+, Transmit–
(Note A)
tR*
tF*
tHIGH*
tLOW*
0.8
2.0
35
34
‘A’
‘B’
0 V
BCC
(Bit Cell Center)
BCB
(Bit Cell Boundary)
03378I-23
Note:
A. Encode Manchester clock transition (BCC) at Point ‘A’ and bit cell edge (BCB) at point ‘B’.
*See Specification for External TTL Level in Functional Description section.
X1 Driven from External Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27