| Zakładka z wyszukiwarką danych komponentów |
|
AM53CF96KCW Arkusz danych(PDF) 53 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM53CF96KCW Arkusz danych(HTML) 53 Page - Advanced Micro Devices |
|
53 / 76 page ![]() P R E L I M I N A R Y AMD 53 Am53CF94/Am53CF96 32 tPWH ALE Pulse Width High 20 ns 33 tS Address to ALE Set Up Time 10 ns 34 tH Address to ALE Hold Time 10 ns 35 tS ALE to CS Set Up Time 10 ns 36 tPD CS to Data Valid Delay 65 ns 37 tS CS to RD Set Up Time 0 ns 38 tPD RD to Data Valid Delay 30 ns 39 tPWL RD Pulse Width Low 30 ns 40 tH RD to Data Hold Time 2 ns 41 tH RD to CS Hold Time 0 ns 42 tZ RD to Data High Impedance 30 ns 43 tS CS to ALE Set Up Time 50 ns 44 PARAMETER DOES NOT EXIST 45 PARAMETER DOES NOT EXIST 46 tPD CS to Data Hold Time 2 ns 47 tZ CS to Data High Impedance 30 ns 48 tS CS to WR Set Up Time 0 ns 49 tPWL WR Pulse Width Low 30 ns 50 tS Data to WR Set Up Time 15 ns 51 tS WR to ALE Set Up Time 50 ns 52 tH Data to WR Hold Time 0 ns 53 tH WR to CS Hold Time 0 ns 54 tH CS to Data Hold Time 30 ns 55 PARAMETER DOES NOT EXIST 56 PARAMETER DOES NOT EXIST 57 tS Data Setup to CS 10 ns Parameter No. Symbol Parameter Description Test Conditions Min Max Unit Note: There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B). Register Read/Write with Multiplexed Address Data Bus |