| Zakładka z wyszukiwarką danych komponentów |
|
AM79C90PC Arkusz danych(PDF) 6 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C90PC Arkusz danych(HTML) 6 Page - Advanced Micro Devices |
|
6 / 62 page ![]() 6 Am79C90 PRELIMINARY CLSN Collision (Input) A logical input that indicates that a collision is occurring on the channel. CS Chip Select (Input) Indicates, when asserted, that the C-LANCE is the Slave device of the data transfer. CS must be valid throughout the data portion of the bus cycle. CS must not be asserted when HLDA is LOW. DAL00–DAL15 Data/Address Lines (Input/Output, Three-State) The time multiplexed Address/Data bus. During the ad- dress portion of a memory transfer, DAL00–DAL15 contains the lower 16 bits of the memory address. The upper 8 bits of address are contained in A16–A23. During the data portion of a memory transfer, DAL00– DAL15 contains the read or write data, depending on the type of transfer. The C-LANCE drives these lines as a Bus Master and as a Bus Slave. DALI Data/Address Line In (Output, Three-State) An external bus transceiver control line. DALI is as- serted when the C-LANCE reads from the DAL lines. It will be LOW during the data portion of a READ transfer and remain HIGH for the entire transfer if it is a WRITE. DALI is driven only when C-LANCE is a Bus Master. DALO Data/Address Line Out (Output, Three-State) An external bus transceiver control line. DALO is as- serted when the C-LANCE drives the DAL lines. DALO will be LOW only during the address portion if the trans- fer is a READ. It will be LOW for the entire transfer if the transfer is a WRITE. DALO is driven only when C-LANCE is a Bus Master. DAS Data Strobe (Input/Output, Three-State) Defines the data portion of the bus transaction. DAS is high during the address portion of a bus transaction and low during the data portion. The LOW-to-HlGH transition can be used by a Slave device to strobe bus data into a register. DAS is driven only as a Bus Master. HLDA Bus Hold Acknowledge (Input) A response to HOLD. When HLDA is LOW in response to the chip’s assertion of HOLD, the chip is the Bus Master. During Bus Master operation, the C-LANCE waits for HLDA to be deasserted HIGH before reasserting HOLD LOW. This insures proper bus handshake under all situations. HOLD/BUSRQ Bus Hold Request (Output, Open Drain) Asserted by the C-LANCE when it requires access to memory. HOLD is held LOW for the entire ensuing bus transaction. The function of this pin is programmed through bit (00) of CSR3. Bit (00) of CSR3 is cleared when RESET is asserted. When CSR3 (00) BCON = 0 PIN 17 = HOLD (Output Open Drain and input sense) (48-Pin DIPs) When CSR3 (00) BCON = 1 PIN 17 = BUSRQ (I/O Sense, Open Drain) (48-Pin DlPs) If the C-LANCE wants to use the bus, it looks at HOLD/ BUSRQ; if it is HIGH the C-LANCE can pull it LOW and request the bus. If it is already LOW, the C-LANCE waits for it to go inactive-HlGH before requesting the bus. INTR Interrupt (Output, Open Drain) An attention signal that indicates, when active, that one or more of the following CSR0 status flags is set: BABL, MERR, MISS, RINT, TINT or IDON. INTR is enabled by bit 06 of CSR0 (INEA = 1). INTR remains asserted until the source of Interrupt is removed. RCLK Receive Clock (Input) A 10 MHz square wave synchronized to the Receive data and only active while receiving an Input Bit Stream. Signal Line Mode Bits BSWP = 0 and BCON = 1 BSWP = 1 and BCON = 1 BYTE = L and DAL00 = L Word Word BYTE = L and DAL00 = H Illegal Illegal BYTE = H and DAL00 = H Upper Byte Lower Byte BYTE = H and DAL00 = L Lower Byte Upper Byte |