| Zakładka z wyszukiwarką danych komponentów |
|
AM79C972BVCW Arkusz danych(PDF) 28 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C972BVCW Arkusz danych(HTML) 28 Page - Advanced Micro Devices |
|
28 / 130 page ![]() 28 Am79C972 Figure 1. Slave Configuration Read The Am79C972 controller will not assert DEVSEL if it detects an address match, but the PCI command is not of the correct type. In memory mapped I/O mode, the Am79C972 controller aliases all accesses to the I/O re- sources of the command types Memory Read Multiple and Memory Read Line to the basic Memory Read com- mand. All accesses of the type Memory Write and In- validate are aliased to the basic Memory Write command. Eight-bit, 16-bit, and 32-bit non-burst trans- actions are supported. The Am79C972 controller de- codes all 32 address lines to determine which I/O resource is accessed. The typical number of wait states added to a slave I/O or memory mapped I/O read or write access on the part of the Am79C972 controller is six to seven clock cycles, depending upon the relative phases of the internal Buff- er Management Unit clock and the CLK signal, since the internal Buffer Management Unit clock is a divide- by-two version of the CLK signal. The Am79C972 controller does not support burst trans- fers for access to its I/O resources. When the host keeps FRAME asserted for a second data phase, the Am79C972 controller will disconnect the transfer. Figure 2. Slave Configuration Write The Am79C972 controller supports fast back-to-back transactions to different targets. This is indicated by the Fast Back-To-Back Capable bit (PCI Status register, bit 7), which is hardwired to 1. The Am79C972 controller is capable of detecting an I/O or a memory-mapped I/O cycle even when its address phase immediately fol- lows the data phase of a transaction to a different target, without any idle state in-between. There will be no con- tention on the DEVSEL, TRDY, and STOP signals, since the Am79C972 controller asserts DEVSEL on the sec- ond clock after FRAME is asserted (medium timing) See Figure 3 and Figure 4. 6 FRAME CLK AD IRDY TRDY C/BE DEVSEL STOP IDSEL 1 23456 1010 PAR PAR PAR DEVSEL is sampled BE DATA ADDR 7 21485C-4 FRAME CLK AD IRDY TRDY C/BE DEVSEL STOP IDSEL 1 23456 1011 PAR PAR PAR BE DATA ADDR 7 21485C-5 |