Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FPWINPROSFR5 Arkusz danych(PDF) 18 Page - Panasonic Semiconductor

Numer części FPWINPROSFR5
Szczegółowy opis  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPWINPROSFR5 Arkusz danych(HTML) 18 Page - Panasonic Semiconductor

Back Button FPWINPROSFR5 Datasheet HTML 14Page - Panasonic Semiconductor FPWINPROSFR5 Datasheet HTML 15Page - Panasonic Semiconductor FPWINPROSFR5 Datasheet HTML 16Page - Panasonic Semiconductor FPWINPROSFR5 Datasheet HTML 17Page - Panasonic Semiconductor FPWINPROSFR5 Datasheet HTML 18Page - Panasonic Semiconductor FPWINPROSFR5 Datasheet HTML 19Page - Panasonic Semiconductor FPWINPROSFR5 Datasheet HTML 20Page - Panasonic Semiconductor FPWINPROSFR5 Datasheet HTML 21Page - Panasonic Semiconductor FPWINPROSFR5 Datasheet HTML 22Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
FP Web-Server
FP
S (Sigma) programming and operation with LAN/WAN
FP Web-Server main features:
Web-Server:

PLC data presented as HTML pages

Access via standard internet browser

HTML entry field for PLC data change

Optional password protection

Java applet functions library

Ajax JavaScript examples available

Email:

PLC can send emails, also with PLC data attachments

Email server access via LAN or Internet dial-up

PLC defined or pre-stored mail text

RS232C device server:

Ethernet

↔ RS232C conversion (MEWTOCOL)
Transparent RS232C data tunnelling via Ethernet

Programming and visualisation access via Ethernet

Modem / Ethernet gateway:

FP Web-Server can be dialled up via modem for local or

network access
One remote gateway for multiple FP Web-Servers in a

local Ethernet network
Remote password handling

Modbus-TCP communication

Modbus-TCP server or client for a PLC

Modbus-TCP server for multiple PLCs

Modbus-TCP server gateway for Modbus-RTU slave

unit(s)
Modbus-TCP client gateway for any Modbus-RTU master

Modbus-TCP master or slave interface for a PLC

Other functions:

XML file delivery for PLC data exchange

Network time server functions

IEC60870 communicator

Based on the same hardware as the FP Web-Server safe
and easy telecontrol with FP-series PLCs using the wide
spread IEC60870-5 telecontrol standard is possible. Thus
remote process stations can easily be linked to supervisory
control systems or telecontrol main stations. The IEC60870
communicator supports both IEC60870-5-101 communication
via RS232C or modem and IEC60870-5-104 communication
via Ethernet in one module.
FP Web-Server advantages:

Uses existing intranet,

saves wiring
Uses standard browser,

saves Scada software
Remote control

Remote monitoring

Remote programming

Alarm information via email

Interface/protocol converter

Part number
FP Web-Server
FPWEB2
Licence to upgrade an
FP Web-Server to an
IEC60870 communi-
cator
IEC60870LIS
FP Web
Configurator Tool
FPWEBTOOL2
Specifications
Protocols
TCP/IP, UDP/IP, SMTP, PPP, NTP, FTP, TELNET,
HTTP, MEWTOCOL-COM
Number of
browsers
Up to 64 browsers can be connected to one
FP Web-Server
Number of emails
4 predefined in FP Web Flash memory
1 programmable in PLC DT memory as ASCII
Number of email
addresses
4 predefined in FP Web flash memory,
1000 addresses in PLC DT memory, assuming
an average of 32 characters are used per email
address and that an FP0-T32CP with
16k word memory is used
Number of PLC
per unit
Two PLCs can be connected
3-pin port (port number: 9094)
DB8 port (port number: 9095)
IP address
DHCP or manually set by software
Security
Password and DIP switch
Operating power
24VDC, 75mA (max.)
Dimensions
25 x 90 x 60mm (W x H x D)
LEDs
Power, COM Ethernet connection, COM data
exchange
Flash memory
512Kbytes
Standards fulfilled
CE, UL, cUL
Wordwide communications
The FP Web-Server module connects all FP-series controllers to the Ethernet. No changes to the
PLC program are necessary. Simply assign an IP address to the FP Web-Server and connect the
PLC to the FP Web-Server via the serial RS232C interface. A standard browser, e.g. MS Internet
Explorer, can be used for access at the PC. Configuration of the unit is easily done with the FP
Web Configurator Tool, which has to be ordered once separately.
FPWEB2
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com