Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FPWINPROFEN5 Arkusz danych(PDF) 20 Page - Panasonic Semiconductor

Numer części FPWINPROFEN5
Szczegółowy opis  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPWINPROFEN5 Arkusz danych(HTML) 20 Page - Panasonic Semiconductor

Back Button FPWINPROFEN5 Datasheet HTML 16Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 17Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 18Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 19Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 20Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 21Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 22Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 23Page - Panasonic Semiconductor FPWINPROFEN5 Datasheet HTML 24Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
FP
S (Sigma)
Specification tables
Performance specifications
Item
Description
Type of control unit
NPN transistor output type
PNP transistor output type
Relay output type
Part number
FPG-C32T2H-A
FPG-C32T2HTM
FPG-C28P2H-A
FPG-C28P2HTM
FPG-C24R2H-A
FPG-C24R2HTM
Number of I/O points
No expansion
32 (Input: 16 / Output: 16)
28 (Input: 16 / Output:12)
24 (Input: 16 / Output: 8)
With expansion
Max. 384
Max. 380
Max. 376
Program memory
Built-in Flash ROM (without backup battery)
Program capacity
32,000 steps
Operation speed
0.32 µs/step, basic instructions
Memory for execution
External input (X)
1184 points
External output (Y)
1184 points
Internal relay (R)
4096 points (R0 to R255F)
Timer/Counter (T/C)
1024 points 1, 2 / at reset: timer 1008 points (T0-T1007), counter 16 points (C1008-C1023),
Timer range is selected by instructions from 1ms, 10ms, 100ms, 1s
Counter: 1 to 32,767 counts
Link relay (L)
2048 points ¹
Data register (DT)
32,765 words (DT0-DT32,764) ¹
Link data register (LD)
256 words ¹
Index register (I)
14 words (I0-ID)
Differential points
Unlimited number of points
Master control relay points
256 points
Labels (JP+LOOP)
256 labels
Number of step ladder
1000 stages
Number of subroutine
100 subroutines
High-speed counter
Single-phase: 1ch: 50kHz/2ch: 30kHz/3 or 4ch: 20kHz / Two-phase: 1ch: 20kHz/2ch: 15kHz
Pulse output
1 channel: 100kHz / 2 channel: 60kHz
PWM output
2 channels, 1.5 to 12.5kHz (at resolution of 1000) / 15.6 to 41.7kHz (at resolution of 100)
Pulse catch input
8 points (X0-X7)
Interrupt program
9 programs (external 8 points, 1 periodical interrupt point 0.5ms–30s)
Self-diagnosis functions
Watchdog timer, program syntax checking, etc.
Clock/calendar function
Year, month, day, hour, minute, second, and day of week 6
Volume input
2 points resolving power 10bits (K0-K1000)
Thermistor input
2 points, resolution: 10 bits (0 to 1000) (for C32T2HTM, C24R2HTM and C28P2HTM only)
Link functions
Computer link (1:1, 1:N) 3, 4 General communication (1:1, 1:N) 3, 4 PLC link 5
Battery life (battery is optional)
220 days or more* (actual usage value: approx. 840 days (25°C)
Suggested replacement interval: 1 year
Comment storage
All kinds of comments, including I/O comments, remarks and block comments, can be stored
(without backup battery)
Linear/circular interpolution
for positioning
Available
Available
Not available
Other functions
Program edition during run, constant scan, forced I/O, password, floating point real number operation,
PID processing instruction, comment memory 328kByte
Notes:
1) If a battery is not used, only fixed area is backed up (Counter: C1008-C1023, internal relay: R900-R97F, Data register: DT32710-DT32764). If a battery is used, backup is possible:
Area-setting of hold or no-hold is possible by system register.
2) Points can be increased using auxiliary timer.
3) Optional communication cassette (RS232C type) is necessary for 1:1 communication.
4) Optional communication cassette (RS485 type) is necessary for 1:N communication.
5) Optional communication cassette (RS485 type) is necessary.
6) Optional battery is necessary in order to use Clock/Calendar function. Precision calendar timer: at 25°C = 77°F less than 51-second error per month / at 0°C = 32°F less than
119-second error per month / at 55°C = 131°F less than 148-second error per month.
*Value applies when no power is supplied at all.
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com