| Zakładka z wyszukiwarką danych komponentów |
|
AMMCL004AWP-150 Arkusz danych(PDF) 14 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMMCL004AWP-150 Arkusz danych(HTML) 14 Page - Advanced Micro Devices |
|
14 / 36 page ![]() 14 AmMCL00XA PR EL IMIN A R Y Table 6. Even Byte Command Definitions Note for Table 6: During even (low) byte accesses, CEL# = 0, CEH# = 1. Address is applied to Memory Device 0 (S0). On 4 Mbyte cards, address for Memory Device 2 (S2) = (Addr) + 200000h. Table 7. Odd Byte Command Definitions Note for Table 7: During odd (high) byte accesses, CEL#= 1, CEH# = 0, and address is applied to Memory Device 1 (S1). On 4 Mbyte cards, address for Memory Device 3 (S3) = (Addr) + 200000h + 100000h. Legend for Tables 6 and 7: X = Don’t care RA = Address of the memory location to be read. RW = Data read from location RA during read operation. PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE# pulse. PW = Data to be programmed at location PA. Data is latched on the rising edge of WE#. SA = Address of the sector to be erased. Refer to Table 8 for sector addresses. Notes for Tables 6 and 7: 1. Write protect must not be enabled for proper operation of all commands. No command required for reading array data, and can thus be done with write protect enabled. 2. For host-to-card address bit connections, see Figure 2. 3. All values are in hexadecimal. 4. The last bus cycle in an autoselect command sequence is a read operation. 5. Address bits = X = Don’t Care for all commands except for Read Address (RA), Program Address (PA), and Sector Address (SA). 6. The Erase Suspend command is valid only during a sector erase operation. Refer to “Sector Erase Suspend”. 7. The Erase Resume command is valid only during the Erase Suspend mode. 8. See Table 4 for bus operations. Embedded Command Sequence (Note 1) Bus Cycles (Notes 2–8) First Second Third Fourth Fifth Sixth Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Read 1 RA RD Reset 1 XXXX XXF0 Autoselect Manufacturer ID (Note 4) 4 XXXX XXAA XXXX XX55 XXXX XX90 XX00 XX01 Device ID (Note 4) 4 XXXX XXAA XXXX XX55 XXXX XX90 XX01 XX38 Byte Write 4 XXXX XXAA XXXX XX55 XXXX XXA0 PA PD Device Erase 6 XXXX XXAA XXXX XX55 XXXX XX80 XXXX XXAA XXXX XX55 XXXX XX10 Sector Erase 6 XXXX XXAA XXXX XX55 XXXX XX80 XXXX XXAA XXXX XX55 SA XX30 Sector Erase Suspend (Note 6) 1 XXXX XXB0 Sector Erase Resume (Note 7) 1 XXXX XX30 Embedded Command Sequence (Note 1) Bus Cycles (Notes 2–8) First Second Third Fourth Fifth Sixth Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Read 1 RA RD Reset 1 XXXX XXF0 Autoselect Manufacturer ID (Note 4) 4 XXXX AAXX XXXX 55XX XXXX 90XX XX00 01XX Autoselect Device ID (Note 4) 4 XXXX AAXX XXXX 55XX XXXX 90XX XX01 38XX Byte Write 4 XXXX AAXX XXXX 55XX XXXX A0XX PA PDXX Device Erase 6 XXXX AAXX XXXX 55XX XXXX 80XX XXXX AAXX XXXX 55XX XXXX 10XX Sector Erase 6 XXXX AAXX XXXX 55XX XXXX 80XX XXXX AAXX XXXX 55XX SA 30XX Sector Erase Suspend (Note 6) 1 XXXX XXB0 Sector Erase Resume (Note 7) 1 XXXX XX30 |