| Zakładka z wyszukiwarką danych komponentów |
|
AM29F100T-70SCB Arkusz danych(PDF) 33 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F100T-70SCB Arkusz danych(HTML) 33 Page - Advanced Micro Devices |
|
33 / 36 page ![]() Am29F100 33 ERASE AND PROGRAMMING PERFORMANCE Notes: 1. Typical program and erase times assume the following conditions: 25 °C, 5.0 V V CC, 100,000 cycles. Additionally, programming typicals assume checkerboard pattern. 2. Under worst case conditions of 90°C, VCC = 4.5 V, 100,000 cycles. 3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maximum byte program time listed. If the maximum byte program time given is exceeded, only then does the device set DQ5 = 1. See the section on DQ5 for further information. 4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure. 5. System-level overhead is the time required to execute the four-bus-cycle command sequence for programming. See Table 1 for further information on command definitions. 6. The device has a guaranteed minimum erase and program cycle endurance of 100,000 cycles. LATCHUP CHARACTERISTIC Note: Includes all pins except VCC. Test conditions: VCC = 5.0 Volt, one pin at a time. TSOP AND SO PIN CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25°C, f = 1.0 MHz. DATA RETENTION Parameter Limits Comments Typ (Note 1) Max (Note 2) Unit Chip/Sector Erase Time 1.5 15 sec Excludes 00h programming prior to erasure (Note 4) Byte Programming Time 14 1000 µs Excludes system-level overhead (Note 5) Word Programming Time 28 2000 µs Chip Programming Time (Note 3) 1.8 12.5 sec Parameter Description Min Max Input Voltage with respect to VSS on I/O pins –1.0 V VCC + 1.0 V VCC Current –100 mA +100 mA Parameter Symbol Parameter Description Test Conditions Typ Max Unit CIN Input Capacitance VIN = 0 6 7.5 pF COUT Output Capacitance VOUT = 0 8.5 12 pF CIN2 Control Pin Capacitance VIN = 0 8 10 pF Parameter Description Test Conditions Min Unit Minimum Pattern Data Retention Time 150 °C 10 Years 125 °C 20 Years |