| Zakładka z wyszukiwarką danych komponentów |
|
EV05D14K Arkusz danych(PDF) 16 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
EV05D14K Arkusz danych(HTML) 16 Page - World Produts Inc. |
|
16 / 59 page ![]() Metal Oxide VaristOrs - eV series WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 3.1 14 | Metal Oxide Varistors - EV Series Standard Dimensions and Lead Modification Options (continued) E Max Dimensions for EV High Energy (-J) Series (5, 7, 10, 14 and 20mm) using standard epoxy coating. For flame retardant coating (suffix “s”) dimensions “E” & “a” add 10% (x1.10) as this coating is thicker. Dimensions are in mm (inches) 20mm Part Number E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Part Number E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) EV20D11K-J 4.2 (.17) 1.5 (.06) EV20D195K-J 4.8 (.19) 2.2 (.09) EV20D14K-J 4.3 (.17) 1.6 (.06) EV20D210K-J 5.0 (.20) 2.3 (.09) EV20D17K-J 4.6 (.18) 1.8 (.07) EV20D230K-J 5.2 (.21) 2.4 (.09) EV20D20K-J 4.2 (.17) 2.1 (.08) EV20D250K-J 5.4 (.21) 2.5 (.10) EV20D25K-J 4.4 (.17) 2.1 (.08) EV20D275K-J 5.6 (.22) 2.5 (.10) EV20D30K-J 4.6 (.18) 2.2 (.09) EV20D300K-J 5.9 (.23) 2.9 (.11) EV20D35K-J 4.7 (.19) 2.2 (.09) EV20D320K-J 6.0 (.24) 2.8 (.10) EV20D40K-J 4.8 (.19) 2.4 (.09) EV20D360K-J 6.5 (.26) 3.1 (.12) EV20D50K-J 4.2 (.17) 1.5 (.06) EV20D390K-J 6.9 (.27) 3.3 (.13) EV20D60K-J 4.4 (.17) 1.6 (.06) EV20D420K-J 7.0 (.28) *3.5 (.14) EV20D75K-J 4.6 (.18) 1.6 (.06) EV20D460K-J 7.2 (.28) *3.8 (.15) EV20D95K-J 4.8 (.19) 1.6 (.06) EV20D485K-J 7.4 (.29) *3.9 (.15) EV20D120K-J 4.0 (.16) 1.8 (.07) EV20D510K-J 7.8 (.31) *4.0 (.16) EV20D130K-J 4.2 (.07) 2.2 (.09) EV20D550K-J 8.2 (.32) *4.4 (.17) EV20D140K-J 4.3 (.17) 2.3 (.09) EV20D625K-J 8.7 (.34) *4.7 (.19) EV20D150K-J 4.4 (.17) 2.1 (.08) EV20D680K-J 9.2 (.36) *5.2 (.20) EV20D180K-J 4.6 (.18) 2.3 (.09) * Parts rated ≥420VAC come standard with inline crimp for straight disk seating on PC boards. For these parts, the “a” dimension is not applicable. If ≥420VAC parts are required without inline crimp, please reference”Part Number System” position 9 and add suffix “N” then reference “a” dimension above. E max a |