| Zakładka z wyszukiwarką danych komponentów |
|
5D331K Arkusz danych(PDF) 10 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
5D331K Arkusz danych(HTML) 10 Page - World Produts Inc. |
|
10 / 65 page ![]() Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 8 | Metal Oxide Varistors Standard Dimensions and Lead Modification Options (continued) E Max Dimensions (For Standard Epoxy) Dimensions are in mm (inches) 5D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) 5D180K 3 .4 ( .13) 1 .2 ( .05) 5D221K 3 .6 ( .14) 1 .6 ( .063) 5D220K 3 .6 ( .14) 1 .3 ( .05) 5D241K 3 .7 ( .145) 1 .8 ( .07) 5D270K 3 .8 ( .15) 1 .4 ( .055) 5D271K 3 .8 ( .15) 2 .0 ( .08) 5D330K 3 .9 ( .15) 1 .2 ( .05) 5D301K 3 .9 ( .15) 2 .3 ( .09) 5D390K 4 .0 ( .16) 1 .3 ( .05) 5D331K 4 .1 ( .16) 2 .4 ( .094) 5D470K 3 .8 ( .15) 1 .5 ( .06) 5D361K 4 .4 ( .17) 2 .5 ( .1) 5D560K 3 .9 ( .15) 1 .6 ( .063) 5D391K 4 .5 ( .18) 2 .7 ( .1) 5D680K 4 .2 ( .165) 1 .8 ( .07) 5D431K 4 .7 ( .185) 2 .9 ( .11) 5D820K 3 .4 ( .13) 1 .2 ( .05) 5D471K 4 .9 ( .19) 3 .6 ( .14) 5D101K 3 .6 ( .14) 1 .2 ( .05) 5D511K 5 .1 ( .2) *3 .1 ( .12) 5D121K 3 .8 ( .15) 1 .3 ( .05) 5D561K 5 .3 ( .21) *3 .3 ( .13) 5D151K 3 .9 ( .15) 1 .3 ( .05) 5D621K 5 .5 ( .22) *3 .9 ( .15) 5D181K 3 .5 ( .138) 1 .5 ( .06) 5D681K 5 .7 ( .22) *4 .3 ( .17) 5D201K 3 .6 ( .14) 1 .6 ( .063) 7D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) 7D180K 3 .4 ( .13) 1 .2 ( .05) 7D221K 3 .6 ( .14) 1 .6 ( .063) 7D220K 3 .6 ( .14) 1 .3 ( .05) 7D241K 3 .7 ( .145) 1 .8 ( .07) 7D270K 3 .8 ( .15) 1 .4 ( .055) 7D271K 3 .8 ( .15) 2 .0 ( .08) 7D330K 3 .9 ( .15) 1 .2 ( .05) 7D301K 3 .9 ( .15) 2 .3 ( .09) 7D390K 4 .0 ( .16) 1 .3 ( .05) 7D331K 4 .1 ( .16) 2 .4 ( .094) 7D470K 3 .8 ( .15) 1 .5 ( .06) 7D361K 4 .4 ( .17) 2 .5 ( .1) 7D560K 3 .9 ( .15) 1 .6 ( .063) 7D391K 4 .5 ( .18) 2 .7 ( .1) 7D680K 4 .2 ( .165) 1 .8 ( .07) 7D431K 4 .7 ( .185) 2 .9 ( .11) 7D820K 3 .4 ( .13) 1 .2 ( .05) 7D471K 4 .9 ( .19) 3 .6 ( .14) 7D101K 3 .6 ( .14) 1 .2 ( .05) 7D511K 5 .1 ( .2) *3 .1 ( .12) 7D121K 3 .8 ( .15) 1 .3 ( .05) 7D561K 5 .3 ( .21) *3 .3 ( .13) 7D151K 3 .9 ( .15) 1 .3 ( .05) 7D621K 5 .5 ( .22) *3 .9 ( .15) 7D181K 3 .5 ( .138) 1 .5 ( .06) 7D681K 5 .7 ( .22) *4 .3 ( .17) 7D201K 3 .6 ( .14) 1 .6 ( .063) * Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above . E max a |