| Zakładka z wyszukiwarką danych komponentów |
|
AM29DL800BT90FIB Arkusz danych(PDF) 28 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL800BT90FIB Arkusz danych(HTML) 28 Page - Advanced Micro Devices |
|
28 / 43 page ![]() 28 Am29DL800B P R E L I M I NARY AC CHARACTERISTICS Read-Only Operations Notes: 1. Not 100% tested. 2. See Figure 11 and Table 7 for test specifications. Parameter Description Test Setup Speed Options JEDEC Std. 70 90 120 Unit tAVAV tRC Read Cycle Time (Note 1) Min 70 80 120 ns tAVQV tACC Address to Output Delay CE#, OE# = VIL Max 70 80 120 ns tELQV tCE Chip Enable to Output Delay OE# = VIL Max 70 80 120 ns tGLQV tOE Output Enable to Output Delay Max 30 35 50 ns tEHQZ tDF Chip Enable to Output High Z (Note 1) Max 25 30 30 ns tGHQZ tDF Output Enable to Output High Z (Note 1) Max 25 30 30 ns tAXQX tOH Output Hold Time From Addresses, CE# or OE#, Whichever Occurs First Min 0 ns tOEH Output Enable Hold Time (Note 1) Read Min 0 ns Toggle and Data# Polling Min 10 ns tOH tCE Outputs WE# Addresses CE# OE# HIGH Z Output Valid HIGH Z Addresses Stable tRC tACC tOEH tRH tOE tRH 0 V RY/BY# RESET# tDF 21519A-17 Figure 13. Read Operation Timings |