| Zakładka z wyszukiwarką danych komponentów |
|
AME41CEAS Arkusz danych(PDF) 7 Page - Analog Microelectronics |
|
|
|||||||||||||||||||||||||||||
AME41CEAS Arkusz danych(HTML) 7 Page - Analog Microelectronics |
|
7 / 8 page ![]() Analog Microelectronics, Inc. 7 AME41-4096 Micropower Voltage Reference Diode n n n n n Package Dimension TO-92-3 TO-92-2 MIN MAX MIN MAX A 4.32 4.95 0.170 0.195 b 0.36 0.51 0.014 0.020 E 3.30 3.94 0.130 0.155 e 2.41 2.67 0.095 0.105 e1 1.14 1.40 0.045 0.055 L 12.70 15.49 0.500 0.610 R 2.16 2.41 0.085 0.095 S1 1.14 1.52 0.045 0.060 W 0.41 0.56 0.016 0.022 D 4.45 4.95 0.175 0.195 a 4 ° 6 ° 4 ° 6 ° NOTE: DIMENSION 2. PACKAGE OUTLINE EXCLUSIVE OF BURR DIMENSION 1. PACKAGE OUTLINE EXCLUSIVE OF ANY MOLD FLASHES SYMBOLS MILLIMETERS INCHES MIN MAX MIN MAX A 4.32 4.95 0.170 0.195 b 0.36 0.51 0.014 0.020 E 3.30 3.94 0.130 0.155 e 2.41 2.67 0.095 0.105 e1 1.14 1.40 0.045 0.055 L 12.70 15.49 0.500 0.610 R 2.16 2.41 0.085 0.095 S1 1.14 1.52 0.045 0.060 W 0.41 0.56 0.016 0.022 D 4.45 4.95 0.175 0.195 a 4 ° 6 ° 4 ° 6 ° NOTE: DIMENSION 2. PACKAGE OUTLINE EXCLUSIVE OF BURR DIMENSION 1. PACKAGE OUTLINE EXCLUSIVE OF ANY MOLD FLASHES SYMBOLS MILLIMETERS INCHES |