| Zakładka z wyszukiwarką danych komponentów |
|
A7986ATR Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
A7986ATR Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 42 page ![]() This is information on a product in full production. August 2013 DocID022801 Rev 5 1/42 42 A7986A 3 A step-down switching regulator for automotive applications Datasheet - production data Features • Qualified following AEC-Q100 requirements • 3 A DC output current • 4.5 V to 38 V input voltage • Output voltage adjustable from 0.6 V • 250 kHz switching frequency, programmable up to 1 MHz • Internal soft-start and enable • Low dropout operation: 100% duty cycle • Voltage feed-forward • Zero load current operation • Overcurrent and thermal protection • HSOP8 package Applications • Dedicated to automotive applications • Automotive LED driving Description The A7986A is a step-down switching regulator with a 3.7 A (min.) current limited embedded power MOSFET, so it is able to deliver up to 3 A current to the load depending on the application conditions. The input voltage can range from 4.5 V to 38 V, while the output voltage can be set starting from 0.6 V to VIN. Requiring a minimum set of external components, the device includes an internal 250 kHz switching frequency oscillator that can be externally adjusted up to 1 MHz. The HSOP8 package with exposed pad allows the reduction of Rth(JA) down to 40 °C/W. Figure 1. Application circuit HSOP8 exposed pad www.st.com |
Podobny numer części - A7986ATR |
|
Podobny opis - A7986ATR |