Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT54AP6FILM Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części BAT54AP6FILM
Szczegółowy opis  Small signal Schottky diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54AP6FILM Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button BAT54AP6FILM Datasheet HTML 5Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 6Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 7Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 8Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 9Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 10Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 11Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 12Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BAT54
Package information
Doc ID 5505 Rev 10
9/13
Figure 16.
SOT-23 footprint (dimensions in mm)
Table 9.
SOT-23 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.89
1.4
0.035
0.055
A1
0
0.1
0
0.004
B
0.3
0.51
0.012
0.02
c
0.085
0.18
0.003
0.007
D
2.75
3.04
0.108
0.12
e
0.85
1.05
0.033
0.041
e1
1.7
2.1
0.067
0.083
E
1.2
1.6
0.047
0.063
H
2.1
2.75
0.083
0.108
L
0.6 typ.
0.024 typ.
S
0.35
0.65
0.014
0.026
A1
A
L
H
B
E
D
e
e1
S
c
0.95
0.61
1.26
3.25
0.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13